Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7A2-AI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PRELIMINARY
AT91SAM7A2 - Summary
6021BS–ATARM–06-Jul-04
be level sensitive or edge triggered. External sources can be programmed to be positive or
negative edge triggered or high or low level sensitive.
PIO: Parallel I/O
Controller
The AT91SAM7A2 has 57 configurable I/O lines. 32 pins (United PIO) on the AT91SAM7A2
are dedicated as general purpose I/O pins (UPIO0 to UPIO31). Other I/O lines are multiplexed
with an external signal of a peripheral to optimize the use of available package pins. The
United-PIO is controlled by a dedicated module. The others pins are configure in each module.
PDC: Peripheral
Data Controller
An on-chip, 10-channel Peripheral Data Controller (PDC) transfers data between the on-chip
peripherals and the on and off-chip memories without processor intervention. One PDC chan-
nel is connected to the receiving channel and one to the transmitting channel of each USART
and of the SPI. A single PDC channel is connected to each ADC and each Capture.
Most importantly, the PDC removes the processor interrupt handling over-head and signifi-
cantly reduces the number of clock cycles required for a data transfer. It can transfer up to 64
Kbytes without reprogramming the starting address. As a result, the performance of the micro-
controller is increased and the power consumption reduced.
USART: Universal
Synchronous
Asynchronous
Receiver
Transmitter
The AT91SAM7A2 provides two identical, full-duplex, universal synchronous asynchronous
receiver transmitter which are connected to the Peripheral Data Controller. The main features
are:
Programmable Baud Rate Generator
Parity, Framing and Overrun Error Detection
Line Break Generation and Detection
Automatic Echo, Local & Remote Loopback Modes
Multi-drop Mode: Address Detection and Generation
Interrupt Generation
Two Dedicated Peripheral Data Controller Channels
5-, 6-, 7-, 8- and 9-bit Character Length
Idle Flag for J1587 Protocol.
Smart Card Transmission Error Feature
Support LIN 1.2 Protocol with H/W Layer
SPI: Serial
Peripheral
Interface
The AT91SAM7A2 features an SPI that provides communication with external devices in mas-
ter or slave mode. The SPI has four external chip selects that can be connected to up to 15
devices. The data length is programmable from 8- to 16-bit.
As for the USART, a two-channel PDC is used to move data directly between memory and the
SPI without CPU intervention for maximum real-time processing throughput.
CAN: Controller
Area Network
The AT91SAM7A2 provides four CANs (2.0A and 2.0B). These are based upon serial commu-
nications protocol which efficiently supports distributed real-time control with a very high level
of security (one with 32 mailboxes and the others with 16 mailboxes).
The main features are:
Prioritization of Messages
•Multi-master
System Wide Data Consistency
Error Detection and Error Signaling
Automatic Retransmission Of Corrupted Messages


Similar Part No. - AT91SAM7A2-AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A2-AI ATMEL-AT91SAM7A2-AI Datasheet
141Kb / 15P
   ARM Thumb - based Microcontrollers
AT91SAM7A2-AI ATMEL-AT91SAM7A2-AI Datasheet
4Mb / 369P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7A2-AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com