Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250F14N101JV6R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 250F14N101JV6R
Description  Multilayer Ceramic Feedthru Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

250F14N101JV6R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  250F14N101JV6R Datasheet HTML 1Page - List of Unclassifed Manufacturers 250F14N101JV6R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15191 Bledsoe Street, Sylmar, California 91342 • (818) 364-9800• Fax (818) 364-6100
www.johansondielectrics.com
2
FeedtHru cApAcitors: cApAcitAnce And voltAge rAnge
Capacitance Value
Voltage
F14
0603
Inches
mm
L
.064 ±.005 1.62 ±0.13
W
.035 ±.005 0.90 ±0.13
T
.026 Max
0.66 max
E/B
.009 ±.004 0.23 ±0.10
C
.018 ±.004 0.46 ±0.10
25V
25V
220
470
101
221
471
102
222
472
103
473
Capacitance Code
Capacitance Value
F15
0805
Inches
mm
L
.080 ±.008 2.03 ±0.20
W
.050 ±.008 1.28 ±0.20
T
.040 Max
1.02 max
E/B
.009 ±.004 0.23 ±0.10
C
.020 ±.005 0.56 ±0.12
100V
50V
220
470
101
221
471
102
222
472
103
473
Capacitance Code
Capacitance Value
F18
1206
Inches
mm
L
.124 ± .010 3.15 ± 0.25
W
.063 ± .010 1.60 ± 0.25
T
.050 max
1.27 max
E/B
.009 ± .004 0.23 ± 0.10
C
.040 ± .005 1.02 ± 0.13
100V
50V
220
470
101
221
471
102
222
472
103
473
Capacitance Code
DIELECTRIC
NPO
X7R
DIELECTRIC
NPO
X7R
DIELECTRIC
NPO
X7R


Similar Part No. - 250F14N101JV6R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250F180T LITTELFUSE-250F180T Datasheet
378Kb / 6P
   POLYFUSE Resettable PTCs Radial Leaded
More results

Similar Description - 250F14N101JV6R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W2F11A22084T AVX-W2F11A22084T Datasheet
288Kb / 4P
   Automotive Feedthru Capacitors
W3F15C2238 AVX-W3F15C2238 Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F AVX-W2F Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C4738AT1F AVX-W2F15C4738AT1F Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   h Current Feedthru Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com