Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7S128 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM7S128
Description  AT91 ARM Thumb-based Microcontrollers
Download  495 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S128 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM7S128 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7S128 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 495 page
background image
7
6116A–ATARM–15-Apr-05
AT91SAM7S128 Preliminary
4.
Package and Pinout
The AT91SAM7S128 is available in a 64-lead LQFP package.
4.1
64-lead LQFP Mechanical Overview
Figure 4-1 shows the orientation of the 64-lead LQFP package. A detailed mechanical
description is given in the section Mechanical Characteristics of the full datasheet.
Figure 4-1.
64-lead LQFP Package Pinout (Top View)
4.2
Pinout
33
49
48
32
17
16
1
64
Table 4-1.
AT91SAM7S128 Pinout in 64-lead LQFP Package
1
ADVREF
17
GND
33
TDI
49
TDO
2
GND
18
VDDIO
34
PA6/PGMNOE
50
JTAGSEL
3
AD4
19
PA16/PGMD4
35
PA5/PGMRDY
51
TMS
4
AD5
20
PA15/PGMD3
36
PA4/PGMNCMD
52
PA31
5
AD6
21
PA14/PGMD2
37
PA27/PGMD15
53
TCK
6
AD7
22
PA13/PGMD1
38
PA28
54
VDDCORE
7
VDDIN
23
PA24/PGMD12
39
NRST
55
ERASE
8
VDDOUT
24
VDDCORE
40
TST
56
DDM
9
PA17/PGMD5/AD0
25
PA25/PGMD13
41
PA29
57
DDP
10
PA18/PGMD6/AD1
26
PA26/PGMD14
42
PA30
58
VDDIO
11
PA21/PGMD9
27
PA12/PGMD0
43
PA3
59
VDDFLASH
12
VDDCORE
28
PA11/PGMM3
44
PA2/PGMEN2
60
GND
13
PA19/PGMD7/AD2
29
PA10/PGMM2
45
VDDIO
61
XOUT
14
PA22/PGMD10
30
PA9/PGMM1
46
GND
62
XIN/PGMCK
15
PA23/PGMD11
31
PA8/PGMM0
47
PA1/PGMEN1
63
PLLRC
16
PA20/PGMD8/AD3
32
PA7/PGMNVALID
48
PA0/PGMEN0
64
VDDPLL


Similar Part No. - AT91SAM7S128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
502Kb / 42P
   AT91 ARM짰 Thumb짰-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
235Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
912Kb / 50P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM7S128-AI ATMEL-AT91SAM7S128-AI Datasheet
235Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7S128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com