Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH50T-2.0-150 Datasheet(PDF) 1 Page - Nuvotem Talema

Part # TH50T-2.0-150
Description  Inductors for National 50kHz Simple SwitcherTM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

TH50T-2.0-150 Datasheet(HTML) 1 Page - Nuvotem Talema

  TH50T-2.0-150 Datasheet HTML 1Page - Nuvotem Talema TH50T-2.0-150 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SH50 Series • Inductors for National's 50kHz Simple SwitcherTM
Compatible with National Semiconductor's Simple SwitcherTM Part Number's LM2574, LM2475 and LM2576
r
e
b
m
u
N
t
r
a
P
d
e
t
a
R
t
n
e
r
r
u
C
I
(
C
D )
L
N
)
H
µ
(
*
l
a
c
i
p
y
T
L
O
)
H
µ
(
%
0
2
±
d
a
o
L
C
D
o
N
T
E
P
O
)
c
e
S
µ
-
V
(
.
x
a
M
R
C
D
)
s
m
h
O
(
.
x
a
M
e
g
a
k
c
a
P
"
C
""
S
""
T
""
B
""
F
""
V
"
7
4
-
0
.
3
-
_
0
5
H
S
0
.
3
7
4
8
3
0
9
5
0
.
0
2
5
5
8
6
-
0
.
3
-
C
0
5
H
S0
.
38
65
50
92
0
.
04
6
3
-
0
.
5
-
C
0
5
H
S
0
.
5
6
3
5
5
0
9
2
0
.
0
4
0
0
1
-
0
.
3
-
C
0
5
H
S0
.
30
0
11
90
94
0
.
04
0
5
1
-
0
.
2
-
_
0
5
H
S
0
.
2
0
5
1
0
3
1
0
9
0
1
.
0
4
A
6
A
6
0
2
2
-
4
.
1
-
_
0
5
H
S4
.
10
2
20
3
20
98
3
.
05
5
2
2
6
7
1
-
4
.
1
-
_
0
5
H
S
4
.
1
0
2
2
6
7
1
0
9
4
1
.
0
3
A
6
A
6
0
3
3
-
9
.
0
-
_
0
5
H
S9
.
00
3
32
0
30
94
7
.
05
5
2
2
7
6
2
-
9
.
0
-
_
0
5
H
S
9
.
0
0
3
3
7
6
2
0
9
8
1
.
0
3
A
6
A
6
0
7
4
-
4
6
.
0
-
C
0
5
H
S4
6
.
00
7
46
2
40
96
1
.
04
0
8
6
-
5
8
.
0
-
_
0
5
H
S
5
8
.
0
0
8
6
7
5
6
0
9
5
2
.
1
5
5
2
2
0
5
1
-
0
.
3
-
C
0
5
H
S0
.
30
5
16
3
10
0
20
1
.
04
0
2
2
-
0
.
3
-
C
0
5
H
S
0
.
3
0
2
2
7
6
1
0
0
2
7
0
.
0
5
0
3
3
-
0
.
3
-
C
0
5
H
S0
.
30
3
32
9
20
0
25
1
.
05
0
7
4
-
0
.
2
-
C
0
5
H
S
0
.
2
0
7
4
9
6
3
0
0
2
7
1
.
0
5
0
8
6
-
3
.
1
-
C
0
5
H
S3
.
10
8
62
6
50
0
20
2
.
05
0
0
0
1
-
5
9
.
0
-
C
0
5
H
S
5
9
.
0
0
0
0
1
2
6
7
0
0
2
4
2
.
0
5
0
0
5
1
-
2
6
.
0
-
B
0
5
H
S2
6
.
00
0
5
10
5
1
10
0
20
0
.
18
0
0
2
2
-
2
4
.
0
-
B
0
5
H
S
2
4
.
0
0
0
2
2
0
3
7
1
0
0
2
0
8
.
1
8
Notes:
1)
Inductance will be typical for the I
DC and ETOP
values listed above.
2)
No load Inductance measured at B
OP
maximum of 10 gauss (10mV @ 20kHz).
3)
Simple SwitcherTM is a trademark of National
Semiconductor Corporation.
Features
• High energy storage with minimum saturation
• High stability from no load to full load
• Available in both SMD and THT versions
• Manufactured in ISO-9001:2000, TS-16949:2002 and
ISO-14001:2004 certified Talema facility
• Meets lead free reflow level J-STD-020C
• Fully RoHS compliant
Electrical Specifications @ 25°C
Test voltage between windings: 500 Vrms
Operating temperature range: -40°C to +125°C
Climatic Category: IEC68-1 40/125/56
Test frequency: Inductance measured @ 10kHz / 10mV
Ordering Key
SH50 C - 3.0 - 47
Inductance Value in µH
Current Rating (Amps)
Mounting Style - Specify the appropriate suffix
C = Clip Mount
S = Surface Mount (S5 or S6)
T = Low Profile TH Mount
B = Base Mount
F = Flat Encapsulated
V = Vertical Encapsulated
Basic Series Designation
THE TALEMA GROUP • Magnetic Components for Universal Applications


Similar Part No. - TH50T-2.0-150

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TH50A TOPSTEK-TH50A Datasheet
131Kb / 3P
   Topstek Current Transducer
TH50A-B12 TOPSTEK-TH50A-B12 Datasheet
131Kb / 3P
   Topstek Current Transducer
logo
Toshiba Semiconductor
TH50VSF2580AASB TOSHIBA-TH50VSF2580AASB Datasheet
546Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2581AASB TOSHIBA-TH50VSF2581AASB Datasheet
546Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2582 TOSHIBA-TH50VSF2582 Datasheet
548Kb / 50P
   SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
More results

Similar Description - TH50T-2.0-150

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8540 FILTRAN-8540 Datasheet
100Kb / 1P
   INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
Nuvotem Talema
SH260 TALEMA-SH260 Datasheet
381Kb / 3P
   inductors for national 260kHz simple switcher
logo
Pulse A Technitrol Comp...
P596 PULSE-P596 Datasheet
381Kb / 2P
   Inductors Designed for National?셲 50 kHz Simple Switcher
PE-52629 PULSE-PE-52629 Datasheet
373Kb / 2P
   inductors designed for national?셲 50 kHz simple switcher
PE-53112NL PULSE-PE-53112NL Datasheet
630Kb / 2P
   Inductors Designed for National?셲 50 kHz Simple Switcher?
logo
Filtran LTD
6985 FILTRAN-6985 Datasheet
61Kb / 1P
   Inductors National?셲 150 KHz SIMPLE SWITCHER
logo
Pulse A Technitrol Comp...
PE-53819 PULSE-PE-53819 Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
logo
RENCO ELECTRONICS, INC.
RL-1954 RENCO-RL-1954 Datasheet
1Mb / 3P
   NATIONAL SEMICONDUCTOR SIMPLE SWITCHER APPLICATIONS
logo
Pulse A Technitrol Comp...
PE-54036S PULSE-PE-54036S Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
PE-54037S PULSE-PE-54037S Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com