Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDO-5.0-47 Datasheet(PDF) 3 Page - Nuvotem Talema

Part # SDO-5.0-47
Description  High Efficiency Storage Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

SDO-5.0-47 Datasheet(HTML) 3 Page - Nuvotem Talema

  SDO-5.0-47 Datasheet HTML 1Page - Nuvotem Talema SDO-5.0-47 Datasheet HTML 2Page - Nuvotem Talema SDO-5.0-47 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mounting Styles • SD Series • High Efficiency Storage Chokes
Schematic
Size 17
1
2
Dimensions
X x Y x Z
Schematic
1
2
Size 25
25 x 12.5 x 26.7
Size 30
30 x 15.0 x 31.7
Size 35
35 x 17.5 x 36.7
Size 40
40 x 20.0 x 41.7
Size 45
45 x 22.5 x 46.7
Mounting Style V
Mounting Style F
Size 32
Size 29
Size 22
17.5
Size 42
Size 49
Size 20
20 x 10.0 x 21.7
MountingStyle'O'= OpenMount
4.5
Z
32
14
2
14
Tolerance oniPin Length: ±0.3mm
29
X
Y
15
5
7.5
4
5
2
8
7.5
10
20
5
6
2
10
10
25
12.5
6
7
2
12
12.5
30
15
7
8
2
14
15
35
17.5
8
9
2
16
40
20
17.5
9
10
2
18
9.5min.
a
b
11
5
15.0
12.5
15.0
8
1
22.5
20
20
22.5
7
1
13.5
5
13.5
5
20
25
29.5
22.5
5
8
2
1
1
5
20
15
27.5
32
27.5
7.5
8
9
4
1
5
12
13
5
1
37.5
20
10
7.5
37.5
42.5
42.5
8
5
4.3
4
20
1
Ø8
40
40
49
27.5
7.5
5
7
10
3
2
49
30
M4
Ø8
6
1
5
8
1
5
1
6
10
2P
1
12
7
6
7
2
12
8
7
8
2P
• •
1
16
2
16
9
8
9
2P
1
18
2
18
10
9
10
1
2P
• •
7
3
10
2
2
1
10
7
1
13
5
12
2
5
1
1
• •
1
9
4
8
2
1
4
1
• •
5
2
8
1
2
1
8
5
8
1
1
7
1
1
Germany: Int.+4989-841 00-0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 377 - 338 351 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com


Similar Part No. - SDO-5.0-47

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDO-5.0-47 TALEMA-SDO-5.0-47 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
More results

Similar Description - SDO-5.0-47

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDF-0.63-400 TALEMA-SDF-0.63-400 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
logo
PREMO CORPORATION S.L
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
logo
Nuvotem Talema
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
   Low Cost Linear Storage Chokes
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
Bourns Electronic Solut...
5521 BOURNS-5521 Datasheet
469Kb / 1P
   High Current Chokes
5509 BOURNS-5509 Datasheet
469Kb / 1P
   High Current Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com