Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51AC2-SLSC-M Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T89C51AC2-SLSC-M
Description  8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-SLSC-M Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T89C51AC2-SLSC-M Datasheet HTML 3Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 4Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 5Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 6Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 7Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 8Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 9Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 10Page - ATMEL Corporation T89C51AC2-SLSC-M Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
Draft.A - March 30, 2001
7
Preview - Confidential
T89C51AC2
NOTE:
1. Port 0 is precluded from use as general purpose I/O Ports when used as address/data bus drivers.
2. Port 0 internal strong pull-ups assist the logic-one output for memory bus cycles only. Except for these bus cycles, the pull-up FET is off,
Port 0 outputs are open-drain.
Figure 2. Port 0 Structure
NOTE:
1. Port 2 is precluded from use as general purpose I/O Ports when as address/data bus drivers.
2. Port 2 internal strong pull-ups FET (P1 in FiGURE) assist the logic-one output for memory bus cyle.
Figure 3. Port 2 Structure
When Port 0 and Port 2 are used for an external memory cycle, an internal control signal switches the output-
driver input from the latch output to the internal address/data line.
D
Q
P0.X
LATCH
INTERNAL
WRITE
TO
LATCH
READ
PIN
READ
LATCH
0
1
P0.x (1)
ADDRESS LOW/
DATA
CONTROL
VDD
BUS
(2)
D
Q
P2.X
LATCH
INTERNAL
WRITE
TO
LATCH
READ
PIN
READ
LATCH
0
1
P2.x (1)
ADDRESS HIGH/
DATA
CONTROL
BUS
VDD
INTERNAL
PULL-UP (2)


Similar Part No. - T89C51AC2-SLSC-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2-SLSIM ATMEL-T89C51AC2-SLSIM Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
More results

Similar Description - T89C51AC2-SLSC-M

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F24D HOLTEK-HT66F24D Datasheet
4Mb / 177P
   A/D Flash Type 8-bit MCU with EEPROM
HT66F24D HOLTEK-HT66F24D_13 Datasheet
4Mb / 175P
   A/D Flash Type 8-bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com