Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V58C265164S Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V58C265164S
Description  64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V58C265164S Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V58C265164S Datasheet HTML 3Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 4Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 5Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 6Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 7Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 8Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 9Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 10Page - Mosel Vitelic, Corp V58C265164S Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
V58C265164S Rev. 1.7 August 2001
MOSEL VITELIC
V58C265164S
Mode Register Set Timing
Burst Mode Operation
Burst Mode Operation is used to provide a constant flow of data to memory locations (Write cycle), or from
memory locations (Read cycle). Two parameters define how the burst mode will operate: burst sequence and
burst length. These parameters are programmable and are determined by address bits A0—A3 during the
Mode Register Set command. Burst type defines the sequence in which the burst data will be delivered or
stored to the SDRAM. Two types of burst sequence are supported: sequential and interleave. The burst
length controls the number of bits that will be output after a Read command, or the number of bits to be input
after a Write command. The burst length can be programmed to values of 2, 4, or 8. See the Burst Length
and Sequence table below for programming information.
Burst Length and Sequence
Burst Length
Starting Length (A2, A1, A0)
Sequential Mode
Interleave Mode
2
xx0
0, 1
0, 1
xx1
1, 0
1, 0
4
x00
0, 1, 2, 3
0, 1, 2, 3
x01
1, 2, 3, 0
1, 0, 3, 2
x10
2, 3, 0, 1
2, 3, 0, 1
x11
3, 0, 1, 2
3, 2, 1, 0
8
000
0,1, 2, 3, 4, 5, 6, 7
0,1, 2, 3, 4, 5, 6, 7
001
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
010
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
011
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
100
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
101
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
110
6, 7, 0, 1, 2, 3, 4, 5, 6
6, 7, 4, 5, 2, 3, 0, 1
111
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0
T5
T0
T1
T2
T3
T4
T6
T7
T8
tRP
tMRD
tCK
Pre- All
MRS/EMRS
ANY
Mode Register set (MRS) or Extended Mode Register Set (EMRS) can be issued only when all banks are in the idle state.
CK, CK
Command
If a MRS command is issued to reset the DLL, then an additional 200 clocks must occur prior to issuing any new command
T9
to allow time for the DLL to lock onto the clock.


Similar Part No. - V58C265164S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C265404S MOSEL-V58C265404S Datasheet
391Kb / 44P
   HIGH PERFORMANCE 2.5 VOLT 16M X 4 DDR SDRAM 4 BANKS X 4Mbit X 4
V58C265804S MOSEL-V58C265804S Datasheet
457Kb / 44P
   HIGH PERFORMANCE 2.5 VOLT 8M X 8 DDR SDRAM 4 BANKS X 2Mbit X 8
More results

Similar Description - V58C265164S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
   64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
   4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
logo
Mosel Vitelic, Corp
V58C2128 MOSEL-V58C2128 Datasheet
948Kb / 59P
   HIGH PERFORMANCE 2.5 VOLT 128 Mbit DDR SDRAM
V58C2256 MOSEL-V58C2256 Datasheet
814Kb / 61P
   HIGH PERFORMANCE 2.5 VOLT 256 Mbit DDR SDRAM
V826664K24S MOSEL-V826664K24S Datasheet
243Kb / 14P
   2.5 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826632K24S MOSEL-V826632K24S Datasheet
126Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826516K04S MOSEL-V826516K04S Datasheet
159Kb / 13P
   2.5 VOLT 16M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
logo
Etron Technology, Inc.
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com