Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD8NS25 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD8NS25
Description  N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY??MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD8NS25 Datasheet(HTML) 6 Page - STMicroelectronics

  STD8NS25 Datasheet HTML 1Page - STMicroelectronics STD8NS25 Datasheet HTML 2Page - STMicroelectronics STD8NS25 Datasheet HTML 3Page - STMicroelectronics STD8NS25 Datasheet HTML 4Page - STMicroelectronics STD8NS25 Datasheet HTML 5Page - STMicroelectronics STD8NS25 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STD8NS25
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2001 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


Similar Part No. - STD8NS25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD8N06 STMICROELECTRONICS-STD8N06 Datasheet
171Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
STD8N10L STMICROELECTRONICS-STD8N10L Datasheet
381Kb / 9P
   N-CHANNEL ENHANCEMENT MODE LOW THRESHOLD POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STD8N10L VBSEMI-STD8N10L Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
STMicroelectronics
STD8N60DM2 STMICROELECTRONICS-STD8N60DM2 Datasheet
823Kb / 15P
   N-channel 600 V, 550 m(ohm) typ., 8 A MDmesh DM2 Power MOSFET in a DPAK package
STD8N65M5 STMICROELECTRONICS-STD8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
More results

Similar Description - STD8NS25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY??MOSFET
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
   N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
   N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
STD3PS25 STMICROELECTRONICS-STD3PS25 Datasheet
445Kb / 10P
   P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
   N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
   N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY??MOSFET
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
   N-channel 250V - 0.38廓 - 8A TO-220 /TO-220FP Mesh Overlay??Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com