Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2365 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # XC2365
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2365 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button XC2365 Datasheet HTML 4Page - Infineon Technologies AG XC2365 Datasheet HTML 5Page - Infineon Technologies AG XC2365 Datasheet HTML 6Page - Infineon Technologies AG XC2365 Datasheet HTML 7Page - Infineon Technologies AG XC2365 Datasheet HTML 8Page - Infineon Technologies AG XC2365 Datasheet HTML 9Page - Infineon Technologies AG XC2365 Datasheet HTML 10Page - Infineon Technologies AG XC2365 Datasheet HTML 11Page - Infineon Technologies AG XC2365 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 99 page
background image
XC2365
XC2000 Family Derivatives
Summary of Features
Preliminary
Data Sheet
6
V0.1, 2007-06
Draft Version
Table 1
XC236x Derivative Synopsis
Derivative
1)
1) This Data Sheet is valid for devices starting with and including design step AA.
Temp.
Range
Program
Memory
PSRAM
2)
2) All derivatives additionally provide 1 Kbyte SBRAM, 2 Kbytes DPRAM, and 16 Kbytes DSRAM.
CCU6
Mod.
ADC
3)
Chan.
3) Analog input channels are listed for each Analog/Digital Converter module separately.
Interfaces
SAK-XC2365-
72F66L
-40 °C to
125
°C
576 Kbytes
Flash
32 Kbytes
0, 1
11 + 5 3 CAN Nodes,
6 Serial Chan.
SAF-XC2365-
72F66L
-40 °C to
85
°C
576 Kbytes
Flash
32 Kbytes
0, 1
11 + 5 3 CAN Nodes,
6 Serial Chan.
SAK-XC2365-
56F66L
-40 °C to
125
°C
448 Kbytes
Flash
16 Kbytes
0, 1
11 + 5 3 CAN Nodes,
6 Serial Chan.
SAF-XC2365-
56F66L
-40 °C to
85
°C
448 Kbytes
Flash
16 Kbytes
0, 1
11 + 5 3 CAN Nodes,
6 Serial Chan.
SAK-XC2365-
48F66L
-40 °C to
125
°C
384 Kbytes
Flash
8 Kbytes
0, 1
11 + 5 3 CAN Nodes,
6 Serial Chan.
SAF-XC2365-
48F66L
-40 °C to
85
°C
384 Kbytes
Flash
8 Kbytes
0, 1
11 + 5 3 CAN Nodes,
6 Serial Chan.


Similar Part No. - XC2365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2365 INFINEON-XC2365 Datasheet
1Mb / 112P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.1, Aug. 2008
XC2365-XXF66L INFINEON-XC2365-XXF66L Datasheet
4Mb / 647P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
V1.0, June 2007
XC2365A INFINEON-XC2365A Datasheet
1,007Kb / 123P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2365A INFINEON-XC2365A Datasheet
3Mb / 127P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.12 2014-06
XC2365B INFINEON-XC2365B Datasheet
1Mb / 128P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
More results

Similar Description - XC2365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com