Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS89C430-ENL Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS89C430-ENL
Description  Ultra-High-Speed Flash Microcontrollers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430-ENL Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS89C430-ENL Datasheet HTML 5Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 6Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 7Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 8Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 9Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 10Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 11Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 12Page - Maxim Integrated Products DS89C430-ENL Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
9 of 48
EXTERNAL CLOCK CHARACTERISTICS
(VCC = 4.5V to 5.5V, TO = -40∞C to +85∞C.)
PARAMETER
SYMBOL
MIN
MAX
UNITS
Clock High Time
tCHCX
10
ns
Clock Low Time
tCLCX
10
ns
Clock Rise Time
tCLCH
5
ns
Clock Fall Time
tCHCL
5
ns
SERIAL PORT MODE 0 TIMING CHARACTERISTICS
(VCC = 4.5V to 5.5V, TO = -40∞C to +85∞C.) (Figure 4)
33MHz
VARIABLE
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
UNITS
SM2 = 0
360
12tCLCL
ns
Clock Cycle Time
tXLXL
SM2 = 1
120
4tCLCL
ns
SM2 = 0
200
10tCLCL -
100
ns
Output Data Setup to Clock
Rising
tQVXH
SM2 = 1
40
3tCLCL - 10
ns
SM2 = 0
50
2tCLCL - 10
ns
Output Data Hold to Clock
Rising
tXHQX
SM2 = 1
20
tCLCL - 100
SM2 = 0
0
0
ns
Input Data Hold After Clock
Rising
tXHDX
SM2 = 1
0
0
SM2 = 0
200
10tCLCL - 100
ns
Clock Rising Edge to Input
Data Valid
tXHDV
SM2 = 1
40
3tCLCL - 50
ns
Note: SM2 is the serial port 0 mode bit 2. When serial port 0 is operating in mode 0 (SM0 = SM1 = 0), SM2 determines the number of crystal
clocks in a serial port clock cycle.


Similar Part No. - DS89C430-ENL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C430-ENL DALLAS-DS89C430-ENL Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS89C430-ENL++ DALLAS-DS89C430-ENL+ Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
More results

Similar Description - DS89C430-ENL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
logo
Microchip Technology
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
logo
Zilog, Inc.
EZ80L92MCU ZILOG-EZ80L92MCU Datasheet
2Mb / 241P
   eZ80Acclaim Flash Microcontrollers
logo
Microchip Technology
PIC16F819-E MICROCHIP-PIC16F819-E Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers
09/27/04
logo
Zilog, Inc.
EZ80F92 ZILOG-EZ80F92 Datasheet
3Mb / 266P
   eZ80Acclaim??Flash Microcontrollers
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320_06 Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320 Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com