Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMFS200 Datasheet(PDF) 2 Page - Riedon Powertron

Part # RMFS200
Description  Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

RMFS200 Datasheet(HTML) 2 Page - Riedon Powertron

  RMFS200 Datasheet HTML 1Page - Riedon Powertron RMFS200 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc. 300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
Fax: (626) 284-1704
www.riedon.com Sales@Riedon.com
TEST
PROCEDURE
SPEC.
Dielectric Withstanding
Voltage
V - Block Method, 3X Rated Voltage
Duration: 1min.
R = (0.25% + 0.05 ohm)
Insulation Resistance
V - Block Method, DC 500V
Duration: 1min.
> 10,000 M ohm
Temp Cycling
5 cycles of -65°C, 25°C,155°C, 25°C
R = (1% + 0.05 ohm)
Short Time Overload
2.5 X Rated Voltage
Duration: 5 seconds
R = (0.25% + 0.05 ohm)
Damp Heat Steady State
40°C 95% relative humidity,
Duration: 56 Days
R = (1% + 0.05 ohm)
Load Life
Rated Voltage at 70°C ambient
Duration: 2000 hours
R = (1% + 0.05 ohm)
Robustness of Terminations
Tensile: 10N Duration: 10 sec.
Bending: 180°, > 3 bends
Torsion: 3 rotation of 360° each
R = (0.25% + 0.05 ohm)
Resistance to Soldering Heat
Temp. 260°C ± 5°C
Duration: 10 seconds
R = (0.25% + 0.05 ohm)
Shock (Medium Impact)
1 Km/S2
R = (0.25% + 0.05 ohm)
Vibration (High Frequency)
10 to 2000Hz: m/S2
R = (0.25% + 0.05 ohm)
Low Temp. Exposure
at -65°C
Duration: 2 Hrs
R = (0.25% + 0.05 ohm)
High Temp. Exposure
at +155°C
Duration: 16 Hrs. No Load Condition
R = (1% + 0.05 ohm)
Solderability
Dip Method, Solder bath
Temp. 230°C ± 5°C.
Duration: 5 sec.
95% coverage
Resistance to Solvent
Solvent: Trichloroethylene
Duration: 3 min.
Marking should be legible


Similar Part No. - RMFS200

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RMFS2W TAITRON-RMFS2W Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
More results

Similar Description - RMFS200

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
RFE international
CR12 RFE-CR12_V01 Datasheet
15Mb / 3P
   FILM RESISTORS
2020.01.29
logo
Riedon Powertron
HV37 RIEDON-HV37 Datasheet
252Kb / 1P
   Film Resistors
MFM55 RIEDON-MFM55 Datasheet
277Kb / 2P
   Film Resistors
logo
RFE international
MR12 RFE-MR12_V01 Datasheet
15Mb / 3P
   FILM RESISTORS
2020.01.29
logo
Willow Technologies Ltd
MG55 WILLOW-MG55 Datasheet
307Kb / 1P
   Film Resistors
logo
Riedon Powertron
MFM55 RIEDON-MFM55_12 Datasheet
221Kb / 2P
   Film Resistors
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
   Film Resistors
MG50 RIEDON-MG50 Datasheet
241Kb / 1P
   Film Resistors
MP50 RIEDON-MP50 Datasheet
241Kb / 1P
   Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com