Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAK-XC167CI-16F20F Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SAK-XC167CI-16F20F
Description  16-Bi t Single-Chip Microcontroller Preliminary
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-XC167CI-16F20F Datasheet(HTML) 5 Page - Infineon Technologies AG

  SAK-XC167CI-16F20F Datasheet HTML 1Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 2Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 3Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 4Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 5Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 6Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 7Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 8Page - Infineon Technologies AG SAK-XC167CI-16F20F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
Data Sheet
1
V1.0, 2002-10
Preliminary
XC167
16-Bit Single-Chip Microcontroller
XC166 Family
XC167
1
Summary of Features
• High Performance 16-bit CPU with 5-Stage Pipeline
– 25 ns Instruction Cycle Time at 40 MHz CPU Clock (Single-Cycle Execution)
– 1-Cycle Multiplication (16
× 16 bit), Background Division (32 / 16 bit) in 21 Cycles
– 1-Cycle Multiply-and-Accumulate (MAC) Instructions
– Enhanced Boolean Bit Manipulation Facilities
– Zero-Cycle Jump Execution
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Fast Context Switching Support with Two Additional Local Register Banks
– 16 Mbytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area (C166 Family Compatible)
• 16-Priority-Level Interrupt System with 77 Sources, Sample-Rate down to 50 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
Peripheral Event Controller (PEC), 24-Bit Pointers Cover Total Address Space
• Clock Generation via on-chip PLL (factors 1:0.15
… 1:10), or
via Prescaler (factors 1:1
… 60:1)
• On-Chip Memory Modules
– 2 Kbytes On-Chip Dual-Port RAM (DPRAM)
– 4 Kbytes On-Chip Data SRAM (DSRAM)
– 2 Kbytes On-Chip Program/Data SRAM (PSRAM)
– 128 Kbytes On-Chip Program Memory (Flash Memory)
• On-Chip Peripheral Modules
– 16-Channel A/D Converter with Programmable Resolution (10-bit or 8-bit) and
Conversion Time (down to 2.95
µs or 2.55 µs)
– Two 16-Channel General Purpose Capture/Compare Units (32 Input/Output Pins)
– Capture/Compare Unit for flexible PWM Signal Generation (CAPCOM6)
(3/6 Capture/Compare Channels and 1 Compare Channel)
– Multi-Functional General Purpose Timer Unit with 5 Timers
– Two Synchronous/Asynchronous Serial Channels (USARTs)
– Two High-Speed-Synchronous Serial Channels
– On-Chip TwinCAN Interface (Rev. 2.0B active) with 32 Message Objects
(Full CAN/Basic CAN) on Two CAN Nodes, and Gateway Functionality
– IIC Bus Interface (10-bit addressing, 400 kbit/s) with 3 Channels (multiplexed)
– On-Chip Real Time Clock, Driven by Dedicated Oscillator
• Idle, Sleep, and Power Down Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog


Similar Part No. - SAK-XC167CI-16F20F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-XC167CI-16F20F INFINEON-SAK-XC167CI-16F20F Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
More results

Similar Description - SAK-XC167CI-16F20F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC161CJ INFINEON-XC161CJ_02 Datasheet
863Kb / 78P
   16-Bi t Single-Chip Microcontroller Preliminary
V1.0, Mar. 2002
C167CS-L16M3V INFINEON-C167CS-L16M3V Datasheet
1Mb / 81P
   16-Bi t Single-Chip Microcontroller
V1.0, Oct. 2001
XC164CM INFINEON-XC164CM_04 Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC167CI INFINEON-XC167CI Datasheet
2Mb / 80P
   16-Bit Single-Chip Microcontroller Preliminary
V1.1, Jun. 2003
C167CR INFINEON-C167CR_00 Datasheet
3Mb / 464P
   16-Bi t Single-Chip Microcont roller
V 3.1, Mar. 2000
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com