Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250B15W471ZV4U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 250B15W471ZV4U
Description  LOW INDUCTANCE CHIP CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

250B15W471ZV4U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  250B15W471ZV4U Datasheet HTML 1Page - List of Unclassifed Manufacturers 250B15W471ZV4U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24
www.johanson dielectrics.com
LOW INDUCTANCE CHIP CAPACITORS
These MLC capacitors are specially designed to lower
inductance by altering the aspect ratio of the termination
in conjunction with improved conductivity of the electrodes.
This inherent low ESL and ESR design improves the
capacitor circuit performance by lowering the current
change noise pulse and voltage drop. The system will
benefit by lower power consumption, increased efficiency,
and higher operating speeds.
FEATURES
• Low ESL
• Low ESR
• High Resonant Frequency
• Small Size
APPLICATIONS
• High Speed Microprocessors
• AC Noise Reduction in multi-chip modules (MCM)
• High speed digital equipment
HOW TO ORDER LOW INDUCTANCE
P/N written: 500B18W473KV4E
Dielectric specifications are listed on page 28 & 29.
VOLTAGE
160 = 16 V
250 = 25 V
500 = 50 V
MARKING
4 = Unmarked
DIELECTRIC
N = NPO
W = X7R
Z = Z5U
CAPACITANCE
1st two digits are
significant; third digit
denotes number of
zeros.
474 = 0.47 µF
105 = 1.00 µF
TERMINATION
V = Nickel Barrier
TAPE MODIFIER
Code
Type
Reel
E
Plastic
7"
U
Plastic
13"
T
Paper
7"
R
Paper
13"
Tape specs. per EIA RS481
TOLERANCE
J= ± 5%
K = ± 10%
M = ± 20%
Z = +80% -20%
CASE SIZE
B15 = 0508
B18 = 0612
E
4
V
W
B18
500
473
K
B18 / 0612
Inches
(mm)
.062 ±.010
(1.57 ±.25)
.125 ±.010
(3.17 ±.25)
.060 Max.
(1.52)
.010 ±.005
(0.25±.13)
L
W
T
E/B
B15 / 0508
Inches
(mm)
.050 ±.010
(1.27 ±.25)
.080 ±.010
(2.03 ±.25)
.050 Max.
(1.27)
.010 ±.005
(0.25±.13)
L
W
T
E/B
50 V
25 V
16 V
50 V
25 V
16 V
CAPACITANCE SELECTION
DIELECTRIC
NPO
X7R
Z5U


Similar Part No. - 250B15W471ZV4U

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250B15B102A1CA CTS-250B15B102A1CA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250B15B102A1CB CTS-250B15B102A1CB Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250B15B102A1NA CTS-250B15B102A1NA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250B15B102A1NB CTS-250B15B102A1NB Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250B15B102A2CA CTS-250B15B102A2CA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
More results

Similar Description - 250B15W471ZV4U

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC223KAT2U AVX-0612ZC223KAT2U Datasheet
327Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com