Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C515A_9708 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # C515A_9708
Description  8-Bit CMOS Microcontroller
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515A_9708 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button C515A_9708 Datasheet HTML 6Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 7Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 8Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 9Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 10Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 11Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 12Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 13Page - Siemens Semiconductor Group C515A_9708 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 182 page
background image
Semiconductor Group
1-5
1997-08-01
Introduction
C515A
1.2
Pin Definitions and Functions
This section describes all external signals of the C515A with its function.
Table 1-1
Pin Definitions and Functions
Symbol
Pin Number
(P-MQFP-80)
I/O*)
Function
P4.0-P4.7
72-74,
76-80
72
I/O
Port 4
is an 8-bit quasi-bidirectional I/O port with internal pull-
up resistors. Port 4 pins that have 1’s written to them are
pulled high by the internal pull-up resistors, and in that
state can be used as inputs. As inputs, port 4 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pull-up resistors.
P4 also contains the external A/D converter control pin.
The output latch corresponding to a secondary function
must be programmed to a one (1) for that function to
operate. The secondary function is assigned to port 4 as
follows :
P4.0 / ADST
external A/D converter start pin
PE/SWD
75
I
Power Saving Mode Enable / Start Watchdog Timer
A low level on this pin allows the software to enter the
power down, idle, and slow down mode. In case the low
level is also seen during reset, the watchdog timer
function is off on default.
Use of the software controlled power saving modes is
blocked when this pin is held on high level. A high level
during reset performs an automatic start of the watchdog
timer immediately after reset.
When left unconnected this pin is pulled high by a weak
internal pull-up resistor.
Note : If PE/SWD is low and VAREF is low the oscillator
watchdog is disabled (testmode) !
RESET
1I
RESET
A low level on this pin for the duration of two machine
cycles while the oscillator is running resets the C515A.
A small internal pullup resistor permits power-on reset
using only a capacitor connected to VSS .
VAREF
3
Reference Voltage for the A/D converter
VAGND
4
Reference Ground for the A/D converter
*) I = Input
O = Output


Similar Part No. - C515A_9708

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515A SIEMENS-C515A Datasheet
634Kb / 58P
   8-Bit CMOS Microcontroller
More results

Similar Description - C515A_9708

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com