Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXM-315-LR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RXM-315-LR
Description  LR SERIES RECEIVER MODULE DATA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXM-315-LR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RXM-315-LR Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 6Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 7Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 8Page - List of Unclassifed Manufacturers RXM-315-LR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 5
Page 4
PIN ASSIGNMENTS
NC
NC
NC
NC
NC
NC
NC
NC
NC
RSSI
GND
VCC
PDN
DATA
ANT
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Figure 7: LR Series Receiver Pinout (Top View)
Pin #
Name
Description
1
NC
No Connection
2
NC
No Connection
3
NC
No Connection
4
GND
Analog Ground
5
VCC
Supply Voltage
6
PDN
Power Down. Pulling this line low will place the receiver
into a low-current state. The module will not be able to
receive a signal in this state.
7
RSSI
Received Signal Strength Indicator. This line will supply an
analog voltage that is proportional to the strength of the
received signal.
8
DATA
Digital Data Output. This line will output the demodulated
digital data.
9
NC
No Connection
10
NC
No Connection
11
NC
No Connection
12
NC
No Connection
13
NC
No Connection
14
NC
No Connection
15
GND
Analog Ground
16
RF IN
50-ohm RF Input
PIN DESCRIPTIONS
MODULE DESCRIPTION
The LR receiver is a low-cost, high-performance synthesized AM / OOK receiver,
capable of receiving serial data at up to 10,000bps. Its exceptional sensitivity
results in outstanding range performance. The LR’s compact surface-mount
package is friendly to automated or hand production. LR Series modules are
capable of meeting the regulatory requirements of many domestic and
international applications.
THEORY OF OPERATION
The LR receiver is designed to recover
data sent by an AM or Carrier-Present
Carrier-Absent (CPCA) transmitter, also
referred to as CW or On-Off Keying
(OOK).
This
type
of
modulation
represents a logic low ‘0’ by the absence
of a carrier and a logic high ‘1’ by the
presence of a carrier. This modulation
method affords numerous benefits. The
two most important are: 1) cost-effectiveness due to design simplicity and 2)
higher allowable output power and thus greater range in countries (such as the
U.S.) that average output power measurements over time. Please refer to Linx
Application Note AN-00130 for a further discussion of modulation techniques.
The LR receiver utilizes an advanced single-conversion superheterodyne
architecture. Transmitted signals enter the module through a 50-ohm RF port
intended for single-ended connection to an external antenna. RF signals
entering the antenna are filtered and then amplified by an NMOS cascode Low
Noise Amplifier (LNA). The filtered, amplified signal is then down-converted to a
10.7MHz Intermediate Frequency (IF) by mixing it with a low-side Local
Oscillator (LO). The LO frequency is generated by a Voltage Controlled
Oscillator (VCO) locked by a Phase-Locked Loop (PLL) frequency synthesizer
that utilizes a precision crystal reference. The mixer stage incorporates a pair of
double-balanced mixers and a unique image rejection circuit. This circuit, along
with the high IF frequency and ceramic IF filters, reduces susceptibility to
interference. The IF frequency is further amplified, filtered, and demodulated to
recover the baseband signal originally transmitted. The baseband signal is
squared by a data slicer and output to the DATA pin. The architecture and quality
of the components utilized in the LR module enable it to outperform many far
more expensive receiver products.
Data Slicer
LNA
VCO
PLL
XTAL
90˚
Limiter
Data Out
RSSI/Analog
10.7MHz
IF Filter
Band Select
Filter
50
Ω RF IN
(Antenna)
+
-
Figure 8: LR Series Receiver Block Diagram
Data
Data
Carrier
Carrier
Figure 9: CPCA (AM) Modulation


Similar Part No. - RXM-315-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR Datasheet
373Kb / 11P
   LR SERIES TRANSMITTER MODULE
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
logo
Linx Technologies
RXM-315-LR LINX-RXM-315-LR Datasheet
1Mb / 17P
   LR Series Transmitter Module
2015
RXM-315-LR LINX-RXM-315-LR Datasheet
323Kb / 11P
   LC SERIES TRANSMITTER MODULE DATA GUIDE
2/24/09
More results

Similar Description - RXM-315-LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
   LR SERIES RECEIVER MODULE DATA GUIDE
TXM-315-LR ETC2-TXM-315-LR Datasheet
505Kb / 11P
   LR SERIES TRANSMITTER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
380Kb / 9P
   LC SERIES RECEIVER MODULE DATA
RXM-900-HP3 ETC2-RXM-900-HP3 Datasheet
403Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
   LC SERIES RECEIVER MODULE DATA GUIDE
RXM-900-HP3-PPO ETC2-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
logo
Linx Technologies
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
   HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
RXM-418 LINX-RXM-418 Datasheet
204Kb / 16P
   RM SERIES RECEIVER MODULE DATA GUIDE
2000
RXM-GPS-SG LINX-RXM-GPS-SG Datasheet
574Kb / 17P
   SG SERIES GPS RECEIVER MODULE DATA GUIDE
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com