Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTL-1 Datasheet(PDF) 1 Page - Riedon Powertron

Part # UTL-1
Description  Silicone Coated Power Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

UTL-1 Datasheet(HTML) 1 Page - Riedon Powertron

  UTL-1 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page: 56
REV 11/2006
Type
Power Rating
( Watts @ 40°C )
Ohmic Range
Dimensions
Maximum
Working
Voltage
MIN
MAX1
A
( MAX )
B
( MAX )
C
±0.002” [±0.05mm]
UTL-1
1
0.1
2.4K
0.40 [10.0]
0.17 [4.3]
0.031 [0.8]
50
UTL-2
2
0.1
4.7K
0.51 [13.0]
0.22 [5.5]
0.031 [0.8]
97
UTL-3
3
0.1
5.1K
0.51 [13.0]
0.22 [5.5]
0.031 [0.8]
124
UTL-5
5
0.1
8.2K
0.67 [17.0]
0.29 [7.5]
0.031 [0.8]
202
1
For non-inductive windings, divide maximum resistance by 2
UTL Series
Resistances from 0.1 to 8.2K Ohms
Power Rating 1 to 5 Watts
Resistance Tolerances of ±5%
Non-Inductive Windings Available
High Pulse Handling
Available in Bulk, Tape & Reel, and Ammo Pack
SPECIFICATIONS
Ordering Information:
For Non-Inductive Windings, insert the letter “N” ( i.e. UTLN-5 )
Part Number - Resistance - Tolerance - Packing
Example: UTL-5 100 Ohm 5% Tape & Reel
-40
0
40
80
120
160
200
240
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Silicone Coated Power Resistors
Specification
Value
Tolerances
±5% ( 1, 3, and 10% on Request )
Temperture Coefficient
<10
Ω : 0 to 600 ppm/°C
≥10
Ω : -80 to +140 ppm/°C
Temperature Range
-40°C to +200°C
Climatic Category ( IEC 60068 )
40 / 200/ 56
Basic Specification
IEC60 115-1
Maximum Voltage
P x R
Environmental Performance
ΔR
Load Life ( 1000h at rated power, 1.5h ON, 0.5h OFF )
±5% + 0.1
Ω
Moisture Resistance ( 56d @ 40°C, 90-95% RH )
±1% + 0.05
Ω
Thermal Shock ( 30m @ -40°C, 30m @ +200°C, 5 cycles)
±1% + 0.05
Ω
10X Overload ( 5s )
±2% + 0.1
Ω
Vibration ( 10 to 500Hz, 10g, 6h )
±0.5% + 0.05
Ω


Similar Part No. - UTL-1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UTL-1 RIEDON-UTL-1 Datasheet
170Kb / 2P
   Low Cost Silicone Coated Power Resistors
UTL-10 RIEDON-UTL-10 Datasheet
170Kb / 2P
   Low Cost Silicone Coated Power Resistors
UTL-1 RIEDON-UTL-1_13 Datasheet
170Kb / 2P
   Low Cost Silicone Coated Power Resistors
More results

Similar Description - UTL-1

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT-1 WILLOW-UT-1 Datasheet
408Kb / 2P
   Silicone Coated Power Resistors
logo
Riedon Powertron
UB-1 RIEDON-UB-1 Datasheet
273Kb / 2P
   Silicone Coated Power Resistors
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-1RF1 RIEDON-UB15-1RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-0R1F1 RIEDON-UB3C-0R1F1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-15RF1 RIEDON-UB15-15RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB-1 RIEDON-UB-1_16 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10KF1 RIEDON-UB15-10KF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-50RF1 RIEDON-UB3C-50RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-150RF1 RIEDON-UB3C-150RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com