Electronic Components Datasheet Search |
|
DPF-0.5-68 Datasheet(PDF) 1 Page - Nuvotem Talema |
|
DPF-0.5-68 Datasheet(HTML) 1 Page - Nuvotem Talema |
1 / 4 page DP Series Power Inductors provide an excellent, low cost alternative to conventional chokes or inductors. Used in EMI filtering and energy storage, these compact, low radiation inductors are extremely effective in controlling AC output ripple of Switch Mode Power Supplies. Features • Broad range of inductance values and current ratings • Low cost, no radiation design • Hot Solder, pre-tinned leads for easy PC board mounting • Operating frequency to 100kHz • Competitive pricing due to high volume production • Manufactured in ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility • Fully RoHS compliant Electrical Specifications @ 25°C Test frequency: Inductance measured @ 10kHz/10mV Test voltage between windings: 500Vrms Operating temperature: -40°C to +125°C Climatic category: IEC68-1 40/125/56 Applications Switching Power Supplies • EMI/RFI filtering • Output Chokes DP Series • Low Cost Power Inductors Note: The µJoule rating (0.5 x LI²) is the ability of the inductor to store energy. r e b m u N t r a P I C D s p m A . p y T ) H µ ( L @ t n e r r u C d e t a R L O ) H µ ( % 5 1 ± d a o L o N R C D s m h O ( ) . x a M y g r e n E . n i M e g a r o t S * ) J µ ( e r i W Ø ) m m ( e z i S l i o C m m . t H x D O e l y t S g n i t n u o M e z i S / y t i l i b a l i a v A CB V F 7 4 - - 5 . 0 - _ _ P D 5 . 0 7 4 0 5 5 9 0 . 0 9 . 5 0 0 4 . 0 8 X 4 1 2 3 2 2 8 6 - 5 . 0 - _ _ P D8 63 75 1 1 . 05 . 80 0 4 . 08 X 4 1 232 2 0 0 1 - 5 . 0 - _ _ P D 0 0 1 9 0 1 0 4 1 . 0 5 . 2 1 0 0 4 . 0 8 X 4 1 2 3 2 2 0 5 1 - 5 . 0 - _ _ P D0 5 17 6 13 7 1 . 08 . 8 10 0 4 . 08 X 5 1 232 2 0 2 2 - 5 . 0 - _ _ P D 0 2 2 8 5 2 5 1 2 . 0 5 . 7 2 0 0 4 . 0 9 X 5 1 2 3 2 2 0 3 3 - 5 . 0 - _ _ P D0 3 33 9 35 6 2 . 03 . 1 40 0 4 . 09 X 5 1 232 2 0 7 4 - 5 . 0 - _ _ P D 0 7 4 7 5 5 2 2 3 . 0 8 . 8 5 0 0 4 . 0 9 X 0 2 3 3 3 3 0 8 6 - 5 . 0 - _ _ P D0 8 69 4 88 9 3 . 05 80 0 4 . 00 1 X 0 2 333 3 0 0 0 1 - 5 . 0 - _ _ P D 0 0 0 , 1 8 5 3 , 1 3 0 5 . 0 5 2 1 0 0 4 . 0 1 1 X 1 2 3 5 4 3 0 0 5 1 - 5 . 0 - _ _ P D0 0 5 , 13 6 8 , 14 1 7 . 08 8 10 0 4 . 02 1 X 5 25 5 4 4 0 0 2 2 - 5 . 0 - _ _ P D 0 0 2 , 2 1 3 1 , 3 6 2 9 . 0 5 7 2 0 0 4 . 0 2 1 X 5 2 5 5 4 4 0 0 3 3 - 5 . 0 - _ _ P D0 0 3 , 34 2 0 , 53 7 1 . 13 1 40 0 4 . 03 1 X 6 2 555 6 0 0 7 4 - 5 . 0 - _ _ P D 0 0 7 , 4 7 8 2 , 6 1 2 4 . 1 8 8 5 0 0 4 . 0 5 1 X 2 3 5 8 5 6 2 2 - 0 . 1 - - _ _ P D 0 . 1 2 23 21 4 0 . 01 10 0 5 . 08 X 4 1 232 2 3 3 - 0 . 1 - - _ _ P D 3 3 7 3 2 5 0 . 0 5 . 6 1 0 0 5 . 0 8 X 4 1 2 3 2 2 7 4 - 0 . 1 - _ _ P D7 43 53 6 0 . 05 . 3 20 0 5 . 08 X 4 1 232 2 8 6 - 0 . 1 - _ _ P D 8 6 0 8 7 7 0 . 0 4 3 0 0 5 . 0 8 X 4 1 2 3 2 2 0 0 1 - 0 . 1 - _ _ P D0 0 17 2 17 9 0 . 00 50 0 5 . 08 X 5 1 232 2 0 5 1 - 0 . 1 - _ _ P D 0 5 1 7 0 2 3 2 1 . 0 5 7 0 0 5 . 0 9 X 5 1 2 3 3 2 0 2 2 - 0 . 1 - _ _ P D0 2 25 4 36 9 1 . 00 1 10 5 4 . 09 X 5 1 233 2 0 3 3 - 0 . 1 - _ _ P D 0 3 3 1 9 4 3 9 1 . 0 5 6 1 0 0 5 . 0 9 X 0 2 3 3 3 3 0 7 4 - 0 . 1 - _ _ P D0 7 41 0 60 8 1 . 05 3 20 0 6 . 02 1 X 7 2 555 6 0 8 6 - 0 . 1 - _ _ P D 0 8 6 1 9 8 0 2 2 . 0 0 4 3 0 0 6 . 0 3 1 X 7 2 5 5 5 6 0 0 0 1 - 0 . 1 - _ _ P D0 0 0 , 19 1 6 , 16 2 4 . 00 0 50 0 5 . 03 1 X 6 24 5 5 6 0 0 5 1 - 0 . 1 - _ _ P D 0 0 5 , 1 9 4 1 , 2 2 3 5 . 0 0 5 7 0 0 5 . 0 4 1 X 0 3 5 5 5 6 0 0 2 2 - 0 . 1 - _ _ P D0 0 2 , 29 0 6 , 39 8 6 . 00 0 1 10 0 5 . 05 1 X 1 3 556 6 0 0 3 3 - 0 . 1 - _ _ P D 0 0 3 , 3 1 3 7 , 4 9 0 6 . 0 0 5 6 1 0 0 6 . 0 5 1 X 3 4 - - 8 - - - - THE TALEMA GROUP • Magnetic Components for Universal Applications |
Similar Part No. - DPF-0.5-68 |
|
Similar Description - DPF-0.5-68 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |