Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160B15N471JV4E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 160B15N471JV4E
Description  LOW INDUCTANCE CHIP CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

160B15N471JV4E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  160B15N471JV4E Datasheet HTML 1Page - List of Unclassifed Manufacturers 160B15N471JV4E Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
www.johanson dielectrics.com
TYPICAL PERFORMANCE
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency (MHz)
0508 0.1
µF X7R
0805 0.1
µF X7R
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency (MHz)
0612 0.1
µF X7R
0612 0.1
µF X7R
IMPEDANCE 0508 vs. 0805
IMPEDANCE 0612 vs. 1206
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Frequency (MHz)
Impedance (
Ω)
ESR (
Ω)
0.01
0.1
1
10
100
0.1
1
10
100
1000
10000
Frequency (MHz)
IMP
ESR
IMPEDANCE AND ESR 0612 0.1µF X7R
IMPEDANCE AND ESR 0612 0.1µF X7R
10
100
1000
1000
10000
100000
Capacitance (
µF)
B15W
R15W
10
100
1000
1000
10000
100000
Capacitance (
µF)
B15W
R15W
SERIES RESONANT FREQUENCY 0508 vs. 0805
0508 X7R SERIES RESONANT FREQUENCY
LOW INDUCTANCE CHIP CAPACITORS


Similar Part No. - 160B15N471JV4E

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
160BXA100M16X25 RUBYCON-160BXA100M16X25 Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXA100M18X20 RUBYCON-160BXA100M18X20 Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXA10M10X16 RUBYCON-160BXA10M10X16 Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXA150M16X31.5 RUBYCON-160BXA150M16X31.5 Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160BXA150M18X25 RUBYCON-160BXA150M18X25 Datasheet
69Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 160B15N471JV4E

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC223KAT2U AVX-0612ZC223KAT2U Datasheet
327Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com