Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24100 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ24100
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24100 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24100_05 Datasheet HTML 1Page - Texas Instruments BQ24100_05 Datasheet HTML 2Page - Texas Instruments BQ24100_05 Datasheet HTML 3Page - Texas Instruments BQ24100_05 Datasheet HTML 4Page - Texas Instruments BQ24100_05 Datasheet HTML 5Page - Texas Instruments BQ24100_05 Datasheet HTML 6Page - Texas Instruments BQ24100_05 Datasheet HTML 7Page - Texas Instruments BQ24100_05 Datasheet HTML 8Page - Texas Instruments BQ24100_05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
bq24100, bq24103, bq24105
bq24108, bq24113, bq24115
SLUS606B − JUNE 2004 − REVISED NOVEMBER 2004
5
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
100 mV ≤ VIREG-PRE ≤ 100 mV,
VIREG*PRE +
0.1V
RSET2
1000,
VIREG-PRE
Voltage regulated across RSNS
Accuracy
(PGM)
Where
1.2 kΩ ≤ RSET2 ≤ 10kΩ, Select RSET1
to program VIREG−PRE,
VIREG−PRE (Measured) = IOPRE−CHG × RSNS
(−20% to +20% excludes errors due to RSET1
and RSNS tolerances)
−20%
20%
CHARGE TERMINATION (CURRENT TAPER) DETECTION
ITERM
Charge current termination detec-
tion range
VI(BAT) > VRCH
15
200
mA
VTERM
Charge termination detection set
voltage, ISET2
VI(BAT) > VRCH
100
mV
K(ISET2)
Termination current set factor
1000
V/A
Charger termination accuracy
VI(BAT) > VRCH
−20%
20%
tdg-TERM
Deglitch time for charge termination
Both rising and falling,
2-mV overdrive
tRISE, tFALL = 100 ns
20
30
40
ms
TEMPERATURE COMPARATOR AND VTSB BIAS REGULATOR
VLTF
Cold temperature threshold, TS
72.8
73.5
74.2
VHTF
Hot temperature threshold, TS
33.7
34.4
35.1
%
VTCO
Cutoff temperature threshold, TS
28.7
29.3
29.9
%
VO(VTSB)
LTF hysteresis
0.5
1.0
1.5
O( S )
tdg-TS
Deglitch time for temperature fault,
TS
Both rising and falling,
2-mV overdrive
tRISE, tFALL = 100 ns
20
30
40
ms
VO(VTSB)
TS bias output voltage
VCC > VIN(min),
I(VTSB) = 10 mA
0.1 µF ≤ CO(VTSB) ≤ 1 µF,
3.15
V
VO(VTSB)
TS bias voltage regulation accuracy
VCC > IN(min),
I(VTSB) = 10 mA
0.1 µF ≤ CO(VTSB) ≤ 1 µF,
−10%
10%
BATTERY RECHARGE THRESHOLD
VRCH
Recharge threshold voltage
Below VOREG
75
100
125
mV/cell
tdg-RCH
Deglitch time
VI(BAT) < decreasing below threshold,
tFALL = 100 ns
10-mV overdrive
20
30
40
ms
STAT1, STAT2, AND PG OUTPUTS
VOL(STATx)
Low-level output saturation voltage,
STATx
IO = 5 mA
0.5
V
VOL(PG)
Low-level output saturation voltage,
PG
IO = 10 mA
0.1
V
CE CMODE, CELLS INPUTS
VIL
Low-level input voltage
IIL = 5 µA
0.0
0.4
V
VIH
High-level input voltage
IIH = 20 µA
1.3
VCC
V


Similar Part No. - BQ24100_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com