Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24113 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24113
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24113 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24113 Datasheet HTML 1Page - Texas Instruments BQ24113 Datasheet HTML 2Page - Texas Instruments BQ24113 Datasheet HTML 3Page - Texas Instruments BQ24113 Datasheet HTML 4Page - Texas Instruments BQ24113 Datasheet HTML 5Page - Texas Instruments BQ24113 Datasheet HTML 6Page - Texas Instruments BQ24113 Datasheet HTML 7Page - Texas Instruments BQ24113 Datasheet HTML 8Page - Texas Instruments BQ24113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
bq24100, bq24103, bq24105
bq24108, bq24113, bq24115
SLUS606B − JUNE 2004 − REVISED NOVEMBER 2004
SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT
IC WITH INTEGRATED POWERFETS (bqSWITCHER
E)
1
www.ti.com
FEATURES
D Ideal For High-Efficient Charger Designs For
Single-, Two- or Three-Cell Li-Ion and Li-Pol
Battery Packs
D Integrated Synchronous Fixed-Frequency
PWM Controller Operating at 1.1 MHz with 0
to 100% Duty Cycle
D Integrated PowerFETs For Up To 2-A Charge
Rate
D High-Accuracy Voltage and Current
Regulation
D Available In Both Stand-Alone (Built-In
Charge Management and Control) and
System-Controlled (Under System
Command) Versions
D Status Outputs For LED or Host Processor
Interface Indicates Charge-In-Progress,
Charge Completion, Fault, and AC-Adapter
Present Conditions
D 20-V Maximum Voltage Rating on IN and OUT
Pins
D High-Side Current Sensing
D Optional Battery Temperature Monitoring
D Automatic Sleep Mode for Low Power
Consumption
D System-Controlled Version Can Be Used In
NiMH and NiCd Applications
D Uses Ceramic Capacitors
D Reverse Leakage Protection Prevents
Battery Drainage
D Thermal Shutdown and Protection
D Built-In Battery Detection
DESCRIPTION
The bqSWITCHER™ series are highly integrated
Li-ion and Li-polymer switch-mode charge
management devices targeted at a wide range of
portable applications. The bqSWITCHER™ series
offers integrated synchronous PWM controller
and power FETs, high-accuracy current and
voltage regulation, charge preconditioning,
charge status, and charge termination, in a small,
thermally
enhanced
QFN
package.
The
system-controlled version provides additional
inputs for full charge management under system
control.
The bqSWITCHER charges the battery in three
phases: conditioning, constant current, and
constant voltage. Charge is terminated based on
user-selectable minimum current level. A
programmable charge timer provides a safety
backup
for
charge
termination.
The
bqSWITCHER automatically re-starts the charge
cycle if the battery voltage falls below an internal
threshold. The bqSWITCHER automatically
enters sleep mode when VCC supply is removed.
APPLICATIONS
D Handheld Products
D Portable Media Players
D Industrial and Medical Equipment
D Portable Equipment
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
bqSWITCHER™ and PowerPAD™ are trademarks of Texas Instruments.


Similar Part No. - BQ24113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24113 TI-BQ24113 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24113 TI-BQ24113 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113 TI-BQ24113 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
bq24113 TI1-bq24113 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24113A TI-BQ24113A Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com