Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24100RHLR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24100RHLR
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24100RHLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24100RHLR Datasheet HTML 2Page - Texas Instruments BQ24100RHLR Datasheet HTML 3Page - Texas Instruments BQ24100RHLR Datasheet HTML 4Page - Texas Instruments BQ24100RHLR Datasheet HTML 5Page - Texas Instruments BQ24100RHLR Datasheet HTML 6Page - Texas Instruments BQ24100RHLR Datasheet HTML 7Page - Texas Instruments BQ24100RHLR Datasheet HTML 8Page - Texas Instruments BQ24100RHLR Datasheet HTML 9Page - Texas Instruments BQ24100RHLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
bq24100, bq24103, bq24105
bq24108, bq24113, bq24115
SLUS606B − JUNE 2004 − REVISED NOVEMBER 2004
6
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
TTC INPUT
tPRECHG
Precharge timer
1440
1800
2160
s
tCHARGE
Programmable charge timer range
t(CHG) = C(TTC) × K(TTC)
25
572
minutes
Charge timer accuracy
0.01 µF ≤ C(TTC) ≤ 0.18 µF
−10%
10%
KTTC
Timer multiplier
2.6
min/nF
CTTC
Charge time capacitor range
0.01
0.22
µF
VTTC_EN
TTC enable threshold voltage
V(TTC) rising
200
mV
SLEEP COMPARATOR
V
Sleep mode entry threshold
2.3 V ≤ VI(OUT) ≤ VOREG, for 1 or 2 cells
VCC
VIBAT
+5 mV
VCC
VIBAT
+75mV
V
VSLP−ENT
Sleep-mode entry threshold
VI(OUT) = 12.6 V,
RIN = 1 kΩ (1)
bq24105/15
VCC
VIBAT
−4 mV
VCC
VIBAT
+73mV
V
VSLP−EXIT
Sleep-mode exit hysteresis,
2.3 V ≤ VI(OUT) ≤ VOREG
40
160
mV
VCC decreasing below threshold,
tFALL = 100 ns, 10-mV overdrive, PMOS turns off
5
µs
tdg-SLP
Deglitch time for sleep mode
VCC decreasing below threshold,
tFALL = 100 ns, 10-mV overdrive, STATx pins
turn off
20
30
40
ms
UVLO
VUVLO−ON
IC active threshold voltage
VCC rising
3.15
3.30
3.50
V
IC active hysteresis
VCC falling
120
150
mV
PWM
Internal P-channel MOSFET
7 V ≤ VCC ≤ VCC(max)
400
Internal P channel MOSFET
on-resistance
4.5 V ≤ VCC ≤ 7 V
500
mΩ
Internal N-channel MOSFET
7 V ≤ VCC ≤ VCC(max)
130
mΩ
Internal N channel MOSFET
on-resistance
4.5 V ≤ VCC ≤ 7 V
150
fOSC
Oscillator frequency
1.1
MHz
Frequency accuracy
−9%
9%
DMAX
Maximum duty cycle
100%
DMIN
Minimum duty cycle
0%
tTOD
Switching delay time (turn on)
20
ns
tsyncmin
Minimum synchronous FET on time
60
ns
Synchronous FET minimum
current-off threshold (2)
50
400
mA


Similar Part No. - BQ24100RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100RHLR TI-BQ24100RHLR Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24100RHLR TI-BQ24100RHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100RHLR TI1-BQ24100RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24100RHLR TI1-BQ24100RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100RHLRG4 TI1-BQ24100RHLRG4 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com