Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24108RHLR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24108RHLR
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24108RHLR Datasheet(HTML) 4 Page - Texas Instruments

  BQ24108RHLR Datasheet HTML 1Page - Texas Instruments BQ24108RHLR Datasheet HTML 2Page - Texas Instruments BQ24108RHLR Datasheet HTML 3Page - Texas Instruments BQ24108RHLR Datasheet HTML 4Page - Texas Instruments BQ24108RHLR Datasheet HTML 5Page - Texas Instruments BQ24108RHLR Datasheet HTML 6Page - Texas Instruments BQ24108RHLR Datasheet HTML 7Page - Texas Instruments BQ24108RHLR Datasheet HTML 8Page - Texas Instruments BQ24108RHLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
bq24100, bq24103, bq24105
bq24108, bq24113, bq24115
SLUS606B − JUNE 2004 − REVISED NOVEMBER 2004
4
www.ti.com
ELECTRICAL CHARACTERISTICS
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VCC > VCC(min),
PWM switching
10
mA
IVCC(VCC)
VCC supply current
VCC > VCC(min),
PWM NOT switching
5
mA
IVCC(VCC)
VCC supply current
VCC > VCC(min),
CE = HIGH
315
µA
0°C ≤ TJ ≤ 65°C,
VI(BAT) = 4.2 V
VCC < V(SLP) or VCC > V(SLP) but not in charge
3.5
I(SLP)
Battery discharge sleep current,
(SNS, BAT, OUT, FB pins)
0°C ≤ TJ ≤ 65°C,
VI(BAT) = 8.4 V
VCC < V(SLP) or VCC > V(SLP) but not in charge
5.5
µA
(SNS, BAT, OUT, FB pins)
0°C ≤ TJ ≤ 65°C,
VI(BAT) = 12.6 V
VCC < V(SLP) or VCC > V(SLP) but not in charge
7.7
VOLTAGE REGULATION
Output voltage bq24103/13
CELLS = Low, in voltage regulation
4.2
VOREG
Output voltage, bq24103/13
CELLS = High, in voltage regulation
8.4
V
VOREG
Output voltage, bq24100/08
Operating in voltage regulation
4.2
V
VIBAT
Feedback regulation REF for
bq24105/15 only (W/FB)
IIBAT = 25 nA typical into pin
2.1
V
Voltage regulation accuracy
TA = 25°C
−0.5%
0.5%
Voltage regulation accuracy
−1%
1%
CURRENT REGULATION − FAST CHARGE
IOCHARGE
Output current range of converter
VLOWV ≤ VI(BAT) < VOREG,
V(VCC) − VI(BAT) > V(DO−MAX)
150
2000
mA
100 mV ≤ VIREG ≤ 200 mV,
VIREG +
1V
RSET1
1000,
VIREG
Voltage regulated across RSNS
Accuracy
Programmed
Where
5 kΩ ≤ RSET1 ≤ 10kΩ, Select RSET1 to
program VIREG,
VIREG(measured) = IOCHARGE + RSNS
(−10% to +10% excludes errors due to RSET1
and RSNS tolerances)
−10%
10%
V(ISET1)
Output current set voltage
V(LOWV) ≤ VI(BAT) ≤ VO(REG)
V(VCC) ≥ VI(BAT) × V(DO−MAX),
1
V
K(ISET1)
Output current set factor
VLOWV ≤ VI(BAT) < VO(REG)
V(VCC) ≥ VI(BAT) + V(DO−MAX),
1000
V/A
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
VLOWV
Precharge to fast-charge transition
voltage threshold, BAT,
bq24100/03/05/08 ICs only
68
71.4
75 %VO(REG)
t
Deglitch time for precharge to fast
charge transition
Rising voltage; tRISE, tFALL = 100 ns,
2-mV overdrive
20
30
40
ms
IOPRECHG
Precharge range
VI(BAT) < VLOWV,
t < tPRECHG
15
200
mA
V(ISET2)
Precharge set voltage, ISET2
VI(BAT) < VLOWV,
t < tPRECHG
100
mV
K(ISET2)
Precharge current set factor
1000
V/A


Similar Part No. - BQ24108RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24108RHLR TI-BQ24108RHLR Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24108RHLR TI-BQ24108RHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24108RHLR TI1-BQ24108RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24108RHLR TI1-BQ24108RHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24108RHLRG4 TI-BQ24108RHLRG4 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com