Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LICAL-DEC-MS001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LICAL-DEC-MS001
Description  MS SERIES ENCODER DATA GUIDE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LICAL-DEC-MS001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LICAL-DEC-MS001 Datasheet HTML 1Page - List of Unclassifed Manufacturers LICAL-DEC-MS001 Datasheet HTML 2Page - List of Unclassifed Manufacturers LICAL-DEC-MS001 Datasheet HTML 3Page - List of Unclassifed Manufacturers LICAL-DEC-MS001 Datasheet HTML 4Page - List of Unclassifed Manufacturers LICAL-DEC-MS001 Datasheet HTML 5Page - List of Unclassifed Manufacturers LICAL-DEC-MS001 Datasheet HTML 6Page - List of Unclassifed Manufacturers LICAL-DEC-MS001 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 3
Page 2
Baud Rate
Initial Start-up
After Valid Rx
With RX_PDN
(Worst Case)
2,400
72.62
38.62
600+72.62
9,600
22.42
12.42
300+22.42
19,200
13.80
7.30
150+13.80
28,800
11.00
6.00
150+11.00
Table 2: Encoder SEND to Decoder Activation Times (mS)
TIMINGS
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC
-0.3
to
+6.5
VDC
Any Input or Output Pin
-0.3
to VCC + 0.3
VDC
Max. Current Sourced By Output Pins
25
mA
Max. Current Sunk By Output Pins
25
mA
Max. Current Into VCC
250
mA
Max. Current Out Of GND
300
mA
Operating Temperature
-40
to
+125
°C
Storage Temperature
-65
to
+150
°C
*NOTE* Exceeding any of the limits of this section may lead to permanent
damage to the device. Furthermore, extended operation at these maximum
ratings may reduce the life of this device.
1. Current consumption with no active loads.
2. For 3V supply, (0.15 x 3.0) = 0.45V max.
3. For 3V supply, (0.8 x 3.0) = 2.4V min.
Notes
Parameter
Designation
Min.
Typical
Max.
Units
Notes
POWER SUPPLY
Operating Voltage
VCC
2.0
5.5
VDC
Supply Current:
ICC
At 2.0V VCC
240
300
µA
1
At 3.0V VCC
370
470
µA
1
At 5.0V VCC
670
780
µA
1
Power-Down Current:
IPDN
At 2.0V VCC
0.10
0.80
µA
At 3.0V VCC
0.10
0.85
µA
At 5.0V VCC
0.20
0.95
µA
ENCODER SECTION
Input Low
VIL
0.0
0.15 x VCC
V2
Input High
VIH
0.8 x VCC
–VCC
V3
Output Low
VOL
0.6
V
Output High
VOH
VCC - 0.7
V
Input Sink Current
25
mA
Output Drive Current
25
mA
SEND High to DATA_OUT
1.64
mS
ENVIRONMENTAL
Operating Temperature Range
-40
+125
°C
Table 1: Electrical Specifications
*CAUTION*
This product is a static-sensitive component. Always wear an ESD
wrist strap and observe proper ESD handling procedures when
working with this device. Failure to observe this precaution may
result in device damage or failure.
Figure 3: MS Series Reflow Profile
Figure 2: PCB Layout Dimensions
0.047
(1.19)
0.016
(0.41)
0.026
(0.65)
0.328 (8.33)
0.234 (5.94)
RECOMMENDED PAD LAYOUT
The MS Series encoders and decoders are implemented in an industry standard
20-pin Shrink Small Outline Package (20-SSOP). The recommended layout
dimensions are shown below.
240°C Max
0
25
50
75
100
125
150
175
200
225
250
275
020
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
TIME (SECONDS)
340
360
380
420
400
260°C Max
Lead-Free
Sn / Pb
PRODUCTION CONSIDERATIONS
These surface-mount components are designed to comply with standard reflow
production methods. The recommended reflow profile is shown below and
should not be exceeded, as permanent damage to the part may result.


Similar Part No. - LICAL-DEC-MS001

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
LICAL-DEC-MS001 LINX-LICAL-DEC-MS001 Datasheet
888Kb / 11P
   MS Series Remote Control Decoder
2015
LICAL-DEC-MS001 LINX-LICAL-DEC-MS001 Datasheet
951Kb / 11P
   MS Series Remote Control Encoder
2015
More results

Similar Description - LICAL-DEC-MS001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LICAL-ENC-HS0011 ETC2-LICAL-ENC-HS0011 Datasheet
392Kb / 9P
   HS SERIES ENCODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
120Kb / 5P
   LS SERIES ENCODER / DECODER DATA GUIDE
logo
Linx Technologies
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH2 ETC2-TXE-315-KH2 Datasheet
451Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
LICAL-ENC-LS001 ETC2-LICAL-ENC-LS001 Datasheet
115Kb / 5P
   LS SERIES ENCODER / DECODER DATA GUIDE
logo
Linx Technologies
TXE-FFF-KH2 LINX-TXE-FFF-KH2 Datasheet
559Kb / 11P
   KH2 SERIES TRANSMITTER / ENCODER DATA GUIDE
9/27/11
LICAL-ENC-MS001 LINX-LICAL-ENC-MS001 Datasheet
951Kb / 11P
   MS Series Remote Control Encoder
2015
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH_06 Datasheet
324Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA
TXM-869-ES ETC2-TXM-869-ES Datasheet
333Kb / 11P
   ES SERIES TRANSMITTER DATA GUIDE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com