Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT147K00612 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # TAT147K00612
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT147K00612 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

Back Button TAT147K00612 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 9Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 10Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 11Page - Cornell Dubilier Electronics TAT147K00612 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
TAX (CLR81)
Maximum %
Capacitance
Change from Room
Temperature
Part Number MIL-C-
M39006/25 Failure Rate
Level/%1000 Hours
CDE Commercial
Part Number
Cap
(µF)
Cap
Tol
(±)
Case
Code
Max
DF
%
Max ESR
@+25ºC
(Ω)
Maximum DC
Leakage
(µA)
Max Ripple
@ +85°C
40kHz
(mA)
+25°C
+85°C
&
+125°C
-55°C +85°C +125°C M (1.0) P (0.1) R (0.01)
6 Volts Maximum at 85°C(4 Volts at 125°C), Surge Voltage 6.9 at 85°C
TAX227M 00611
220
20
1
50
3.02
2
9
1000
-64
+13
+16
0001
0089
0177
TAX227K 00611
220
10
1
50
3.02
2
9
1000
-64
+13
+16
0002
0090
0178
TAX827M 00612
820
20
2
155
2.51
3
14
1500
-88
+16
+20
0003
0091
0179
TAX827K 00612
820
10
2
155
2.51
3
14
1500
-88
+16
+20
0004
0092
0180
TAX158M 00613
1500
20
3
172
1.52
5
20
1900
-90
+20
+25
0005
0093
0181
TAX158K 00613
1500
10
3
172
1.52
5
20
1900
-90
+20
+25
0006
0094
0182
TAX228M 00614
2200
20
4
170
1.03
6
24
2300
-90
+25
+30
0007
0095
0183
TAX228K 00614
2200
10
4
170
1.03
6
24
2300
-90
+25
+30
0008
0096
0184
8 Volts Maximum at 85°C(5 Volts at 125°C), Surge Voltage 9.2 at 85°C
TAX187M 00811
180
20
1
41
3.02
2
9
1000
-60
+13
+16
0009
0097
0185
TAX187K 00811
180
10
1
41
3.02
2
9
1000
-60
+13
+16
0010
0098
0186
TAX687M 00812
680
20
2
130
2.54
3
14
1500
-83
+16
+20
0011
0099
0187
TAX687K 00812
680
10
2
130
2.54
3
14
1500
-83
+16
+20
0012
0100
0188
TAX158M 00813
1500
20
3
170
1.50
5
20
1900
-90
+20
+25
0013
0101
0189
TAX158K 00813
1500
10
3
170
1.50
5
20
1900
-90
+20
+25
0014
0102
0190
TAX188M 00814
1800
20
4
138
1.02
7
25
2300
-90
+25
+30
0015
0103
0191
TAX188K 00814
1800
10
4
138
1.02
7
25
2300
-90
+25
+30
0016
0104
0192
10 Volts Maximum at 85°C(7 Volts at 125°C), Surge Voltage 11.5 at 85°C
TAX157M 01011
150
20
1
34
3.01
2
9
900
-55
+13
+16
0017
0105
0193
TAX157K 01011
150
10
1
34
3.01
2
9
900
-55
+13
+16
0018
0106
0194
TAX567M 01012
560
20
2
106
2.51
3
16
1450
-77
+16
+20
0019
0107
0195
TAX567K 01012
560
10
2
106
2.51
3
16
1450
-77
+16
+20
0020
0108
0196
TAX128M 01013
1200
20
3
137
1.51
5
20
1850
-88
+20
+25
0021
0109
0197
TAX128K 01013
1200
10
3
137
1.51
5
20
1850
-88
+20
+25
0022
0110
0198
TAX158M 01014
1500
20
4
114
1.01
7
25
2300
-88
+25
+30
0023
0111
0199
TAX158K 01014
1500
10
4
114
1.01
7
25
2300
-88
+25
+30
0024
0112
0200
15 Volts Maximum at 85°C(10 Volts at 125°C), Surge Voltage 17.2 at 85°C
TAX107M 01511
100
20
1
30
3.98
2
9
900
-44
+13
+16
0025
0113
0201
TAX107K 01511
100
10
1
30
3.98
2
9
900
-44
+13
+16
0026
0114
0202
TAX397M 01512
390
20
2
74
2.52
3
16
1450
-66
+16
+20
0027
0115
0203
TAX397K 01512
390
10
2
74
2.52
3
16
1450
-66
+16
+20
0028
0116
0204
TAX827M 01513
820
20
3
111
1.80
6
24
1800
-77
+20
+25
0029
0117
0205
TAX827K 01513
820
10
3
111
1.80
6
24
1800
-77
+20
+25
0030
0118
0206
TAX108M 01514
1000
20
4
92
1.22
8
32
2300
-77
+25
+30
0031
0119
0207
TAX108K 01514
1000
10
4
92
1.22
8
32
2300
-77
+25
+30
0032
0120
0208
25 Volts Maximum at 85°C(15 Volts at 125°C), Surge Voltage 28.8 at 85°C
TAX686M 02511
68
20
1
22
4.29
2
9
850
-40
+12
+15
0033
0121
0209
TAX686K 02511
68
10
1
22
4.29
2
9
850
-40
+12
+15
0034
0122
0210
TAX277M 02512
270
20
2
55
2.70
3
16
1400
-62
+13
+16
0035
0123
0211
TAX277K 02512
270
10
2
55
2.70
3
16
1400
-62
+13
+16
0036
0124
0212
TAX567M 02513
560
20
3
76
1.80
7
28
1750
-72
+20
+25
0037
0125
0213
TAX567K 02513
560
10
3
76
1.80
7
28
1750
-72
+20
+25
0038
0126
0214
TAX687M 02514
680
20
4
63
1.23
8
32
2100
-72
+25
+30
0039
0127
0215
TAX687K 02514
680
10
4
63
1.23
8
32
2100
-72
+25
+30
0040
0128
0216
30 Volts Maximum at 85°C(20 Volts at 125°C), Surge Voltage 34.5 at 85°C
TAX566M 03011
56
20
1
22
5.21
2
9
800
-38
+12
+15
0041
0129
0217
TAX566K 03011
56
10
1
22
5.21
2
9
800
-38
+12
+15
0042
0130
0218
TAX227M 03012
220
20
2
42
2.53
3
16
1200
-60
+13
+16
0043
0131
0219
TAX227K 03012
220
10
2
42
2.53
3
16
1200
-60
+13
+16
0044
0132
0220


Similar Part No. - TAT147K00612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT147K06014 ETC2-TAT147K06014 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT147K00612

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com