Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT147J00612 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # TAT147J00612
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT147J00612 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

Back Button TAT147J00612 Datasheet HTML 3Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 9Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 10Page - Cornell Dubilier Electronics TAT147J00612 Datasheet HTML 11Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –
CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
TAT(CLR79)
Maximum DC
Leakage
(µA)
Maximum %
Capacitance
change from Room
Temperature
Part Number MIL-C-
M39006/22 Failure Rate
Level/%1000 Hours
CDE Commercial
Part Number
Cap
(µF)
Cap
Tol (±)
Case
Code
Max
DF
%
Max ESR
@+25ºC
(Ω)
Max Ripple
@ +85°C
40kHz
(mA)
+25°C
+85°C
&
+125°C
-55°C +85°C +125°C M (1.0) P (0.1) R (0.01)
75 Volts Maximum at 85°C(50 Volts at 125°C), Surge Voltage 86.2 at 85°C
TAT566K 07513
56
10
3
11
2.61
2
17
1335
-28
10.5
+15
0177
0397
0617
TAT566J 07513
56
5
3
11
2.61
2
17
1335
-28
10.5
+15
0178
0398
0618
TAT117M 07514
110
20
4
12
1.45
9
36
1850
-35
+20
+20
0179
0399
0619
TAT117K 07514
110
10
4
12
1.45
9
36
1850
-35
+20
+20
0180
0400
0620
100 Volts Maximum at 85°C(65Volts at 125°C), Surge Voltage 115 at 85°C
TAT255M 10011
2.5
20
1
2
10.62
1
2
505
-16
+7
+8
0181
0401
0621
TAT255K 10011
2.5
10
1
2
10.62
1
2
505
-16
+7
+8
0182
0402
0622
TAT255J 10011
2.5
5
1
2
10.62
1
2
505
-16
+7
+8
0183
0403
0623
TAT475M 10011
4.7
20
1
3
8.47
1
2
565
-16
+7
+8
0184
0404
0624
TAT475K 10011
4.7
10
1
3
8.47
1
2
565
-16
+7
+8
0185
0405
0625
TAT475J 10011
4.7
5
1
3
8.47
1
2
565
-16
+7
+8
0186
0406
0626
TAT116M 10012
11
20
2
5
6.03
1
4
835
-16
+8
+8
0187
0407
0627
TAT116K 10012
11
10
2
5
6.03
1
4
835
-16
+8
+8
0188
0408
0628
TAT116J 10012
11
5
2
5
6.03
1
4
835
-16
+8
+8
0189
0409
0629
TAT226M 10012
22
20
2
7.5
4.52
1
9
965
-16
+8
+8
0190
0410
0630
TAT226K 10012
22
10
2
7.5
4.52
1
9
965
-16
+8
+8
0191
0411
0631
TAT226J 10012
22
5
2
7.5
4.52
1
9
965
-16
+8
+8
0192
0412
0632
TAT306M 10013
30
20
3
7
3.10
2
12
1240
-16
+8
+8
0193
0413
0633
TAT306K 10013
30
10
3
7
3.10
2
12
1240
-16
+8
+8
0194
0414
0634
TAT306J 10013
30
5
3
7
3.10
2
12
1240
-16
+8
+8
0195
0415
0635
TAT436M 10013
43
20
3
8.5
2.62
2
17
1335
-20
+8
+8
0196
0416
0636
TAT436K 10013
43
10
3
8.5
2.62
2
17
1335
-20
+8
+8
0197
0417
0637
TAT436J10013
43
5
3
8.5
2.62
2
17
1335
-20
+8
+8
0198
0418
0638
TAT866M 10014
86
20
4
10
1.54
9
36
1800
-25
+15
+15
0199
0419
0639
TAT866K 10014
86
10
4
10
1.54
9
36
1800
-25
+15
+15
0200
0420
0640
125 Volts Maximum at 85°C(85 Volts at 125°C), Surge Voltage 144 at 85°C
TAT175M 12511
1.7
20
1
2
15.61
1
2
415
-16
+7
+8
0201
0421
0641
TAT175K 12511
1.7
10
1
2
15.61
1
2
415
-16
+7
+8
0202
0422
0642
TAT175J 12511
1.7
5
1
2
15.61
1
2
415
-16
+7
+8
0203
0423
0643
TAT365M 12511
3.6
20
1
2.7
9.95
1
2
520
-16
+7
+8
0204
0424
0644
TAT365K 12511
3.6
10
1
2.7
9.95
1
2
520
-16
+7
+8
0205
0425
0645
TAT365J 12511
3.6
5
1
2.7
9.95
1
2
520
-16
+7
+8
0206
0426
0646
TAT905M 12512
9
20
2
5
7.37
1
5
755
-16
+7
+8
0207
0427
0647
TAT905K 12512
9
10
2
5
7.37
1
5
755
-16
+7
+8
0208
0428
0648
TAT905J 12512
9
10
2
5
7.37
1
5
755
-16
+7
+8
0209
0429
0649
TAT146M 12512
14
20
2
6
5.69
1
7
860
-16
+7
+8
0210
0430
0650
TAT146K 12512
14
10
2
6
5.69
1
7
860
-16
+7
+8
0211
0431
0651
TAT146J 12512
14
5
2
6
5.69
1
7
860
-16
+7
+8
0212
0432
0652
TAT186M 12513
18
20
3
5
3.69
2
9
1130
-16
+7
+8
0213
0433
0653
TAT186K 12513
18
10
3
5
3.69
2
9
1130
-16
+7
+8
0214
0434
0654
TAT186J 12513
18
5
3
5
3.69
2
9
1130
-16
+7
+8
0215
0435
0655
TAT256M 12513
25
20
3
6
3.18
2
13
1200
-16
+7
+8
0216
0436
0656
TAT256K 12513
25
10
3
6
3.18
2
13
1200
-16
+7
+8
0217
0437
0657
TAT256J 12513
25
5
3
6
3.18
2
13
1200
-16
+7
+8
0218
0438
0658
TAT566M 12514
56
20
4
6.5
1.54
10
40
1800
-25
+15
+15
0219
0439
0659
TAT566K 12514
56
10
4
6.5
1.54
10
40
1800
-25
+15
+15
0220
0440
0660


Similar Part No. - TAT147J00612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT147K06014 ETC2-TAT147K06014 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
TAT147M06014 ETC2-TAT147M06014 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT147J00612

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com