Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUY14C2 Datasheet(PDF) 4 Page - SunLED Corporation

Part # AUY14C2
Description  13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

AUY14C2 Datasheet(HTML) 4 Page - SunLED Corporation

  AUY14C2 Datasheet HTML 1Page - SunLED Corporation AUY14C2 Datasheet HTML 2Page - SunLED Corporation AUY14C2 Datasheet HTML 3Page - SunLED Corporation AUY14C2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.SunLED.com
Published Date : MAR 13 ,2008
Drawing No : SDSA2378
V3
Checked : Shin Chi
P.4/4
Part Number:
AUY14C2
13.8mm (0.54”) 14 SEGMENT DUAL DIGIT
ALPHANUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
AUY14C2
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.15 13:56:21
+08'00'


Similar Part No. - AUY14C2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AUY14C2-A SUNLED-AUY14C2-A Datasheet
203Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - AUY14C2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AMR14C2 SUNLED-AMR14C2 Datasheet
201Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUY14A2 SUNLED-AUY14A2 Datasheet
202Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUY14C2-A SUNLED-AUY14C2-A Datasheet
203Kb / 4P
   13.8mm (0.54?? 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUR14C2 SUNLED-AUR14C2 Datasheet
201Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUG14A2-A SUNLED-AUG14A2-A Datasheet
202Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUR14A2-A SUNLED-AUR14A2-A Datasheet
201Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUG14A2 SUNLED-AUG14A2 Datasheet
198Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUG14C2 SUNLED-AUG14C2 Datasheet
200Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUR14A2 SUNLED-AUR14A2 Datasheet
200Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AMR14A2 SUNLED-AMR14A2 Datasheet
199Kb / 4P
   13.8mm (0.54) 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com