Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C320-QNL Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS80C320-QNL
Description  High-Speed Microcontroller User Guide
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-QNL Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS80C320-QNL Datasheet HTML 2Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 3Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 4Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 5Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 6Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 7Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 8Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 9Page - Dallas Semiconductor DS80C320-QNL Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 175 page
background image
6 of 172
092299
PRODUCT FEATURE MATRIX
Table 3-1
FEATURE
DS80C310
DS80C320
DS80C323
DS83C520
DS87C520
DS87C530
DS87C550
Internal Program ROM
16KB
Mask ROM
16KB
EPROM
16KB
EPROM
8KB
EPROM
Internal Scratchpad RAM
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
Internal MOVX SRAM
1KB SRAM
1KB SRAM
Serial Ports
1
2
2
2
2
2
2
External Interrupts
6
6
6
6
6
6
6
16-bit Timers
3
3
3
3
3
3
3
Watchdog Timer
Power-fail/Precision Reset
Power-fail Interrupt
Data Pointers
2
2
2
2
2
2
2
Data Pointer Decrement
Power Management Modes
Ring Oscillator
EMI Reduction Mode
Real-Time Clock
Nonvolatile SRAM
Pulse Width Modulation
4
8-bit
or
2
16-bit
A/D Converter
8 Channels
10-bit
Operating Voltage
4.5V-5.5V
4.5V-5.5V
2.7V-5.5V
4.5V-5.5V
4.5V-5.5V
4.5V-5.5V
4.5V-5.5V


Similar Part No. - DS80C320-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320-QNL DALLAS-DS80C320-QNL Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
logo
Maxim Integrated Produc...
DS80C320-QNL MAXIM-DS80C320-QNL Datasheet
845Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 051804
DS80C320-QNL MAXIM-DS80C320-QNL Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-QNL MAXIM-DS80C320-QNL Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-QNL++ MAXIM-DS80C320-QNL+ Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C320-QNL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_00 Datasheet
769Kb / 155P
   High-Speed Microcontroller User?셲 Guide Supplement
logo
Maxim Integrated Produc...
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
   Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
UG5796 MAXIM-UG5796 Datasheet
2Mb / 240P
   Optical Microcontroller User?셲 Guide
Rev 0; 12/13
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com