Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTC-4096 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TTC-4096
Description  Common Mode Chokes & Coupled Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TTC-4096 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TTC-4096 Datasheet HTML 1Page - List of Unclassifed Manufacturers TTC-4096 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Dimensions mm (inches)
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
31
Common Mode Chokes & Coupled Inductors
USA
Tel: 800-872-6624
Fax: 909-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
For use in xDSL Applications and all General Signal Applications
• Reduce Common Mode Noise
• Operating Temp -40˚C to +85˚C
• Multiple Lines Per Part
• IR Reflow Capable Product
Call Tamura Sales Engineering for detailed specifications or for new
products not listed below.
www.tamuracorp.com
Fig. A
L:12.0 (0.48) W:12.5 (0.49) H:11.5 (0.45)
Fig. C
Fig. B
L:14.0 (0.55) W:14.0 (0.55) H:13.5 (0.53)
L:14.0 (0.55) W:14.0 (0.55) H:12.7 (0.50)
Fig. E
L:8.0 (0.31) W:6.6 (0.26) H:6.35 (0.25)
Schematic
Fig.
Package
Fig.
WDG DCR
( )
DC Current
(mA)
Inductance
@ 10KHz,
0.1V
Mounting
Size
Part #
TTC-4072
EP13
THT
--
95µH
100
0.2
B
1
TTC-4078
EE5
SMD
1:1
348.5µH
0
5.45
A
2
TTC-4079
EE5
SMD
1:1
205µH
0
3.5
A
2
TTC-4090
EP13
THT
1:1
3.0mH
150
2.5
B
4
TTC-4091
EP13
THT
1:1
5.0mH
150
5.5
B
4
TTC-4095
EP13
THT
1:1
7.0mH
100
7.5
B
4
TTC-4096
EP10
THT
1:1
5.0mH
100
7.5
D
7
TTC-4104
EE5
SMD
1:1
300µH
0
5.2
A
2
TTC-4106
EP7
EP7
1:1
90µH
100
1.0
F
3
TTC-4110
EP13
SMD
1:1
4.0mH
100
4.5
C
5
TTC-4111
EP13
SMD
1:1
5.0mH
100
5.0
C
5
Turns Ratio
WDG:WDG
All dimensions are typical, please contact Tamura for tolerances and suggested layout information.
Schematic
Fig.
Package
Fig.
Mounting
CM Attenuation (dB) Typ.
0.1MHz
1MHz
10MHz
HiPot
(Vrms)
OCL
(mH)
Min
Part #
Application
ADSL
TTC-314
6.3
1
1500
8 Pin SMD
E
6
DCR
(
Ω)
Max
-30
-45
-25
1.85 (0.073)
10.16 (0.40)
8.0 (0.32)
2.54 (0.1)
L
L
H
H
W
2.54 (0.1)
L
H
W
Fig. F
L:8.0 (0.31) W:6.6 (0.26) H:6.35 (0.25)
2.54 (0.1)
13.46 (0.53)
L
H
W
W
Fig. D
L:12.0 (0.48) W:12.5 (0.49) H:11.5 (0.45)
2.5 (0.10)
7.5 (0.296)
L
H
W
2.5 (0.1)
H
W
L
17.8 (0.69)


Similar Part No. - TTC-4096

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TTC-474J MERITEK-TTC-474J Datasheet
921Kb / 9P
   NTC Thermistors
TTC-474K MERITEK-TTC-474K Datasheet
921Kb / 9P
   NTC Thermistors
TTC-474L MERITEK-TTC-474L Datasheet
921Kb / 9P
   NTC Thermistors
More results

Similar Description - TTC-4096

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com