Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160A11Y10KV4U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 160A11Y10KV4U
Description  CAPACITOR ARRAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

160A11Y10KV4U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  160A11Y10KV4U Datasheet HTML 1Page - List of Unclassifed Manufacturers 160A11Y10KV4U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
www.johanson dielectrics.com
13
www.johanson dielectrics.com
Solder Pad Dimensions: Size A11
a
b
c
d
e
Inches
.020
.030
.060
.013
.026
(mm)
(0.51)
(0.76)
(1.52)
(0.33)
(0.66)
Solder Pad Dimensions: Size A18
a
b
c
d
e
Inches
.035
.065
.100
.018
.030
(mm)
(0.89)
(1.65)
(2.54 )
(0.46)
(0.79)
CAPACITOR ARRAYS
Dielectric specifications are listed on page 20.
d
b
c
a
e
c
b
a
e
d
Mechanical Dimensions: Size A11
In
(mm)
L
.040 ± .005
(1.02±.13)
W
.055 ± .005
(1.40±.13)
T
.030 max.
(0.76 max.)
Bw
.015 ± .004
(0.38±0.10)
Bl
.010 ± .004
(0.25±0.10)
P
.026 ± .005
(0.66±0.13)
C
.013 ± .004
(0.33±0.10)
L
Bl
C/L of Chip
C
W
P
T
Bw
Mechanical Dimensions: Size A18
In
(mm)
L
.126±.008
(3.20±.02)
W
.063±.008
(1.60±.02)
T
.059 max.
(1.50 max.)
B
.016±.004
(0.41±0.1)
Bo
.008 Typical
(0.20 TYP)
Bs
.030 Typical
(0.76 TYP)
Bc
.045±.004
(1.14±0.1)
W
Bo
T
L
Bs
Bc
Center of Chip
Bc
B
Bs
W
Bo
T
L
Bs
Bc
Center of Chip
Bc
B
Bs


Similar Part No. - 160A11Y10KV4U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
160A IRF-160A Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
logo
Visual Communications C...
160A-604G VCC-160A-604G Datasheet
108Kb / 1P
   Gemlite Relampable Indicator Lights
160A-604R VCC-160A-604R Datasheet
108Kb / 1P
   Gemlite Relampable Indicator Lights
160A-604W VCC-160A-604W Datasheet
108Kb / 1P
   Gemlite Relampable Indicator Lights
160A-604Y VCC-160A-604Y Datasheet
108Kb / 1P
   Gemlite Relampable Indicator Lights
More results

Similar Description - 160A11Y10KV4U

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3A41C103MAT2A AVX-W3A41C103MAT2A Datasheet
283Kb / 6P
   BENEFITS OF USING CAPACITOR ARRAYS
W2A4ZC104MAT2A AVX-W2A4ZC104MAT2A Datasheet
283Kb / 6P
   BENEFITS OF USING CAPACITOR ARRAYS
logo
Murata Manufacturing Co...
GNM0M2R60J103ME17 MURATA-GNM0M2R60J103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A104ME17 MURATA-GNM0M2R61A104ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R60J225ME18 MURATA-GNM1M2R60J225ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61A105ME17 MURATA-GNM1M2R61A105ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61C105ME18 MURATA-GNM1M2R61C105ME18 Datasheet
684Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61C224ME18 MURATA-GNM1M2R61C224ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61E103MA01 MURATA-GNM1M2R61E103MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C104MA01 MURATA-GNM1M2R71C104MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com