Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL56-20-130B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PL56-20-130B
Description  International Laminated Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL56-20-130B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PL56-20-130B Datasheet HTML 1Page - List of Unclassifed Manufacturers PL56-20-130B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PARALLEL
CONNECTION
SERIES
CONNECTION
SERIES CONNECTION
WITH CENTERTAP
AC
OUTPUT
AC
OUTPUT
AC
OUTPUT
AC
OUTPUT
CT
5
6
7
8
115V
50/60HZ
1
2
3
4
230V
50/60HZ
3FD PRIMARY INPUT CONNECTIONS
3FS PRIMARY INPUT CONNECTIONS
1
2
3
4
5
6
7
8
1. -TF suffix for inherently limited product version
2. -1 suffix for 1kV Sec:Sec isolation product version
• 115V Single Primary
• 1.1VA to 12VA
• 115/230 Dual Primary
• Inherently and Non-inherently
• Class B (130˚C) Insulation
Limited Product
• 2,500 Vrms Hi-Pot (Pri:Sec)
• Class II & III Product
• 500 & 1KVrms Hi-Pot (Sec:Sec)
• UL1585 (E96720/E95844)
• UL94V-0 Flammability
• UL506 (E79781/E91239)
• Recognized Insulation System for custom designs.
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
3
Laminated Power Transformers
www.tamuracorp.com
USA
Tel: 800-872-6624
Fax: 909-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
www.tamuracorp.com
Schematics
TAMURA PART NUMBER
SECONDARY RMS RATING
PARALLEL CONNECTED
SERIES CONNECTED
Single 115V Dual 115/230V
AC
RMS
AC
RMS
3FS-210
3FD-210
5.0
0.220
10.0 CT
0.110
2
II
3FS-310
3FD-310
5.0
0.500
10.0 CT
0.250
3
II
3FS-410
3FD-410
5.0
1.200
10.0 CT
0.600
4
II
3FS-510
3FD-510
5.0
2.400
10.0 CT
1.200
5
II
3FS-212
3FD-212
6.3
0.180
12.6 CT
0.090
2
II
3FS-312
3FD-312
6.3
0.400
12.6 CT
0.200
3
II
3FS-412
3FD-412
6.3
1.000
12.6 CT
0.500
4
II
3FS-512
3FD-512
6.3
2.000
12.6 CT
1.000
5
II
3FS-216
3FD-216
8.0
0.140
16.0 CT
0.070
2
II
3FS-316
3FD-316
8.0
0.300
16.0 CT
0.150
3
II
3FS-416
3FD-416
8.0
0.800
16.0 CT
0.400
4
II
3FS-516
3FD-516
8.0
1.600
16.0 CT
0.800
5
II
3FS-220
3FD-220
10.0
0.110
20.0 CT
0.055
2
II
3FS-320
3FD-320
10.0
0.240
20.0 CT
0.120
3
II
3FS-420
3FD-420
10.0
0.600
20.0 CT
0.300
4
II
3FS-520
3FD-520
10.0
1.200
20.0 CT
0.600
5
II
3FS-224
3FD-224
12.0
0.090
24.0 CT
0.045
2
II
3FS-324
3FD-324
12.0
0.200
24.0 CT
0.100
3
II
3FS-424
3FD-424
12.0
0.500
24.0 CT
0.250
4
II
3FS-524
3FD-524
12.0
1.000
24.0 CT
0.500
5
II
3FS-228
3FD-228
14.0
0.080
28.0 CT
0.040
2
II
3FS-328
3FD-328
14.0
0.170
28.0 CT
0.085
3
II
3FS-428
3FD-428
14.0
0.400
28.0 CT
0.200
4
II
3FS-528
3FD-528
14.0
0.840
28.0 CT
0.420
5
II
3FS-236
3FD-236
18.0
0.060
36.0 CT
0.030
2
III
3FS-336
3FD-336
18.0
0.130
36.0 CT
0.065
3
III
3FS-436
3FD-436
18.0
0.340
36.0 CT
0.170
4
III
3FS-536
3FD-536
18.0
0.700
36.0 CT
0.350
5
III
3FS-248
3FD-248
24.0
0.046
48.0 CT
0.023
2
III
3FS-348
3FD-348
24.0
0.100
48.0 CT
0.050
3
III
3FS-448
3FD-448
24.0
0.250
48.0 CT
0.125
4
III
3FS-548
3FD-548
24.0
0.500
48.0 CT
0.250
5
III
H
.250
PINS 2 AND 3 OMITTED ON 6 PIN
UNITS(3FS)
A
A
B
.041 X .020
W
MC
C
L
Note 1: Clearance hole for 4-40 x 1 3/8" nylon mtg. screws.
Note 2: Ratings based on 115V nominal input.
All dimensions are ± 0.02 (0.50) unless otherwise noted.
SIZE
VA2
L
W
H
MC
A
B
C
LB.
2
1.1
1.44
1.23
1.00
.250
.250
1.200
0.17
(36.57)
(31.24)
(25.40)
(6.35)
(6.35)
(30.48)
3
2.4
1.44
1.23
1.26
.250
.250
1.200
0.25
(36.57)
(31.24)
(32.00)
(6.35)
(6.35)
(30.48)
4
6
6
1.69
1.36
1.06251
.250
.350
1.280
0.44
(42.93)
(34.54)
(26.92)
(6.35)
(8.89)
(32.51)
5
12
12
1.97
1.63
1.51
.300
.400
1.41
0.70
(50.04)
(41.40)
(38.10)
(7.62)
(10.16)
(35.81)
Dimensions Inches (mm)
SIZE CLASS
Packaging:
Size
Tube
Tray
2
10
80
3
10
60
Size
Tube
Tray
4
10
50
5
10
50
115V
50/60HZ


Similar Part No. - PL56-20-130B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
PL560-08 PLL-PL560-08 Datasheet
887Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-08OC PLL-PL560-08OC Datasheet
887Kb / 15P
   Analog Frequency Multiplier
PL560-08OCL PLL-PL560-08OCL Datasheet
887Kb / 15P
   Analog Frequency Multiplier
More results

Similar Description - PL56-20-130B

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
14A-2.5-10B1 PULSE-14A-2.5-10B1 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
logo
Filtran LTD
4711 FILTRAN-4711 Datasheet
82Kb / 1P
   Power Transformers International
4721 FILTRAN-4721 Datasheet
80Kb / 1P
   Power Transformers International
logo
Pulse A Technitrol Comp...
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com