Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL10-24-130B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL10-24-130B
Description  International Laminated Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PL10-24-130B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL10-24-130B Datasheet HTML 1Page - List of Unclassifed Manufacturers PL10-24-130B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
USA
Tel: 800-472-6624
Fax: 951-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
Schematics
International Laminated Power Transformers
• 115V/230V Dual Primary
• Power 2.5VA to 56VA
• Class B (130°C) File No. E92957 • TUV File No. 20650818 (EN61558-1,-2 -6)
• 3500Vrms HiPot (Pri:Sec)
• UL1411 File NO. E138028 (Construction Only)
• UL94V-0 Flammability
• UL506 File No. E79781
• Non-Inherently Limited
RoHS Compliant
www.tamuracorp.com
L
H
A B A
F
E
C
G
W
A
B
A
.187 MIN
(4.75)
VA
MOUNTING
MTG.
PIN
LBS
(SIZE) L
W
H
A
B
C
E
F
G SCREWS SQUARE
(KG.)
2.5 1.625 1.43 1.125 .200 .250 1.000 1.063 —
— 2X#4
.025
.25
(41.3) (36.3) (28.6) (5.1) (6.4) (25.4) (27.0)
(2X M3) (.635)
(.11)
5.0 1.625 1.43 1.375 .200 .400 1.000 1.063 —
— 2X#4
.025
.37
(41.3) (36.3) (34.9) (5.1) (10.2) (25.4) (27.0)
(2X M3) (.635)
(.17)
10.0 1.875 1.563 1.42 .200 .400 1.140 1.250 —
— 2X#4
.036
.53
(47.6) (39.7) (36.1) (5.1) (10.2) (29.0) (31.8)
(2X M3) (.914)
(.24)
20.0 2.250 1.875 1.625 .400 .400 1.460 1.500 —
— 2X#4
.036
.90
(57.2) (47.6) (41.3) (10.2) (10.2) (37.1) (38.1)
(2X M3) (.914)
(.41)
30.0 2.625 2.188 1.563 .550 .275 1.680
2.19
1.75 4X#4
.045
1.15
(66.7) (55.6) (39.7) (14.0) (7.0) (42.7)
(55.6) (44.5) (4X M3) (1.14)
(.52)
56.0 3.000 2.50 1.845 .600 .300 1.900
2.50
2.00 4X#6
.045
1.70
(76.2) (63.5) (46.9) (15.2) (7.6) (48.3)
(63.5) (50.8) (4X M5) (1.14)
(.77)
Dimensions Inches (mm)
Packaging:
Size
Tube
Box
2.5
10
40
5.0
9
54
10.0
8
40
Size
Box
20.0
20
30.0
20
56.0
10
115/230V
50/60 Hz
6
4
3
1
7
9
10
12
PART
NUMBER
VA
(SIZE)
SECONDARY RMS RATING
PARALLEL CONNECTED SERIES CONNECTED
VOLTS
AMPS
VOLTS
AMPS
PL2.5-10-130B
2.5
5.0
0.50
10.0 CT
0.25
PL5.0-10-130B
5.0
5.0
1.00
10.0 CT
0.50
PL10-10-130B
10.0
5.0
2.00
10.0 CT
1.00
PL20-10-130B
20.0
5.0
4.00
10.0 CT
2.00
PL30-10-130B
30.0
5.0
6.00
10.0 CT
3.00
PL56-10-130B
56.0
5.0
11.20
10.0 CT
5.60
PL2.5-12-130B
2.5
6.3
0.40
12.6 CT
0.20
PL5.0-12-130B
5.0
6.3
0.80
12.6 CT
0.40
PL10-12-130B
10.0
6.3
1.60
12.6 CT
0.80
PL20-12-130B
20.0
6.3
3.20
12.6 CT
1.60
PL30-12-130B
30.0
6.3
4.80
12.6 CT
2.40
PL56-12-130B
56.0
6.3
8.80
12.6 CT
4.40
PL2.5-16-130B
2.5
8.0
0.30
16.0 CT
0.15
PL5.0-16-130B
5.0
8.0
0.62
16.0 CT
0.31
PL10-16-130B
10.0
8.0
1.25
16.0 CT
0.62
PL20-16-130B
20.0
8.0
2.50
16.0 CT
1.25
PL30-16-130B
30.0
8.0
3.80
16.0 CT
1.90
PL56-16-130B
56.0
8.0
7.00
16.0 CT
3.50
PL2.5-20-130B
2.5
10.0
0.24
20.0 CT
0.12
PL5.0-20-130B
5.0
10.0
0.50
20.0 CT
0.25
PL10-20-130B
10.0
10.0
1.00
20.0 CT
0.50
PL20-20-130B
20.0
10.0
2.00
20.0 CT
1.00
PL30-20-130B
30.0
10.0
3.00
20.0 CT
1.50
PL56-20-130B
56.0
10.0
5.60
20.0 CT
2.80
PL2.5-24-130B
2.5
12.0
0.20
24.0 CT
0.10
PL5.0-24-130B
5.0
12.0
0.42
24.0 CT
0.21
PL10-24-130B
10.0
12.0
0.84
24.0 CT
0.42
PL20-24-130B
20.0
12.0
1.66
24.0 CT
0.83
PL30-24-130B
30.0
12.0
2.50
24.0 CT
1.25
PL56-24-130B
56.0
12.0
4.66
24.0 CT
2.33
PL2.5-28-130B
2.5
14.0
0.18
28.0 CT
0.09
PL5.0-28-130B
5.0
14.0
0.36
28.0 CT
0.18
PL10-28-130B
10.0
14.0
0.72
28.0 CT
0.36
PL20-28-130B
20.0
14.0
1.44
28.0 CT
0.72
PL30-28-130B
30.0
14.0
2.12
28.0 CT
1.06
PL56-28-130B
56.0
14.0
4.00
28.0 CT
2.00
PL2.5-36-130B
2.5
18.0
0.14
36.0 CT
0.07
PL5.0-36-130B
5.0
18.0
0.28
36.0 CT
0.14
PL10-36-130B
10.0
18.0
0.56
36.0 CT
0.28
PL20-36-130B
20.0
18.0
1.12
36.0 CT
0.56
PL30-36-130B
30.0
18.0
1.64
36.0 CT
0.82
PL56-36-130B
56.0
18.0
3.12
36.0 CT
1.56


Similar Part No. - PL10-24-130B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL10 ETC1-PL10 Datasheet
118Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
PL100 ETC1-PL100 Datasheet
118Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
PL1000 ETC2-PL1000 Datasheet
1Mb / 37P
   PowerLINE 1000, 1010 and 1200 Adapters
PL1000V2 ETC2-PL1000V2 Datasheet
1Mb / 37P
   PowerLINE 1000, 1010 and 1200 Adapters
PL1000V2 ETC1-PL1000V2 Datasheet
557Kb / 16P
   Models PL1000v2 and PLW1000v2
More results

Similar Description - PL10-24-130B

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
14A-2.5-10B1 PULSE-14A-2.5-10B1 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
logo
Filtran LTD
4711 FILTRAN-4711 Datasheet
82Kb / 1P
   Power Transformers International
4721 FILTRAN-4721 Datasheet
80Kb / 1P
   Power Transformers International
logo
Pulse A Technitrol Comp...
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com