Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3FL40-300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3FL40-300
Description  Low Profile Laminated Power Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3FL40-300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3FL40-300 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.5
1.60
0.375
0.187
0.375
1.87
1.56
0.650
5
(40.64)
(9.53)
(4.75)
(9.53)
(47.50)
(39.62)
(16.51)
6.0
1.60
0.375
0.187
0.375
1.87
1.56
0.850
7
(40.64)
(9.53)
(4.75)
(9.53)
(47.50)
(39.62)
(0.85)
12.0
2.00
0.500
0.250
0.500
2.50
2.00
1.065
11
(50.8)
(12.7)
(6.35)
(12.7)
(63.5)
(50.8)
(27.05)
24.0
1.90
0.600
0.300
0.530
2.87
2.25
1.25
15
(48.26)
(15.24)
(7.62)
(13.46)
(72.9)
(57.15)
(31.75)
TAMURA CORPORATION
43352 Business Park Drive. | P.O. Box 892230 Temecula, CA 92589-2230 | www.tamuracorp.com
5
Low Profile Laminated Power Transformers
USA
Tel: 800-872-6624
Fax: 909-676-9482
Japan
Tel: 81 (0)3 3978-2111
Fax: 81 (0)3 3923-0230
United Kingdom
Tel: 44 (0) 1380 731 700
Fax: 44 (0) 1380 731 702
Hong Kong
Tel: 852-2389-4321
Fax: 852-2341-9689
www.tamuracorp.com
• 115/230V Dual Primary
• 2.5VA to 24VA
• Class B (130˚C) Insulation
• UL 506 (E145619)
• 2,500Vrms HiPot (Pri:Sec)
• CSA (LR61383-7)
• UL 94V-0 Flammability (E92957)
• Recognized Insulation System for custom designs.
Note: Inherently limited: secondary fuse required see
application notes on website
3FL10-250
2.5
5.0
.500
10.0 CT
.250
3FL10-600
6.0
5.0
1.200
10.0 CT
.600
3FL10-1200
12.0
5.0
2.400
10.0 CT
1.200
PF24-10
24.0
5.0
4.800
10.0 CT
2.400
3FL12-200
2.5
6.3
.400
12.6 CT
.200
3FL12-475
6.0
6.3
.900
12.6 CT
.450
3FL12-950
12.0
6.3
1.900
12.6 CT
.950
PF24-12
24.0
6.3
3.800
12.6 CT
1.900
3FL16-150
2.5
8.0
.300
16.0 CT
.150
3FL16-350
6.0
8.0
.700
16.0 CT
.350
3FL16-700
12.0
8.0
1.500
16.0 CT
.750
PF24-16
24.0
8.0
3.000
16.0 CT
1.500
3FL20-125
2.5
10.0
.250
20.0 CT
.125
3FL20-300
6.0
10.0
.600
20.0 CT
.300
3FL20-600
12.0
10.0
1.200
20.0 CT
.600
PF24-20
24.0
10.0
2.400
20.0 CT
1.200
3FL24-100
2.5
12.0
.200
24.0 CT
.100
3FL24-250
6.0
12.0
.500
24.0 CT
.250
3FL24-500
12.0
12.0
1.000
24.0 CT
.500
PF24-24
24.0
12.0
2.000
24.0 CT
1.000
3FL30-85
2.5
15.0
.170
30.0 CT
.085
3FL30-200
6.0
15.0
.400
30.0 CT
.200
3FL30-400
12.0
15.0
.800
30.0 CT
.400
PF24-30
24.0
15.0
1.600
30.0 CT
.800
3FL34-75
2.5
17.0
.150
34.0 CT
.075
3FL34-170
6.0
17.0
.340
34.0 CT
.170
3FL34-340
12.0
17.0
.700
34.0 CT
.350
PF24-34
24.0
17.0
1.400
34.0 CT
.700
3FL40-60
2.5
20.0
.120
40.0 CT
.060
3FL40-150
6.0
20.0
.300
40.0 CT
.150
3FL40-300
12.0
20.0
.600
40.0 CT
.300
3FL56-45
2.5
28.0
.090
56.0 CT
.045
3FL56-100
6.0
28.0
.200
56.0 CT
.100
3FL56-200
12.0
28.0
.420
56.0 CT
.210
PF24-56
24.0
28.0
.850
56.0 CT
.430
3FL88-28
2.5
44.0
.056
88.0 CT
.028
3FL88-65
6.0
44.0
.130
88.0 CT
.065
3FL88-130
12.0
44.0
.260
88.0 CT
.130
3FL120-20
2.5
60.0
.040
120.0 CT
.020
3FL120-50
6.0
60.0
.100
120.0 CT
.050
3FL120-100
12.0
60.0
.200
120.0 CT
.100
3FL230-10
2.5
115.0
.020
230.0 CT
.010
3FL230-25
6.0
115.0
.050
230.0 CT
.025
3FL230-50
12.0
115.0
.100
230.0 CT
.050
TAMURA
PART NO.
VA
(SIZE)
AC VOLTS
AMPS
PARALLEL CONNECTED
SECONDARY
AC VOLTS
AMPS
SERIES CONNECTED
Dimensions Inches (mm)
H
All dimensions are ± 0.02 (0.50) unless otherwise noted.
VA (SIZE)
A
B
C
D
L
W
H
WT (oz)
PIN DIMENSIONS 0.041 X 0.02
W
B
1
2
4
3
5
6
7
8
C
10
C
C
C
D
C
A
N
L
9
B
115V
50/60HZ
1
2
3
4
230V
50/60HZ
3FL PRIMARY INPUT CONNECTIONS
1
2
3
4
5
6
7
8
Schematics
Primaries
115/230V
50/60Hz


Similar Description - 3FL40-300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2.5-10-130B ETC2-PL2.5-10-130B Datasheet
2Mb / 2P
   International Laminated Power Transformers
logo
Pulse A Technitrol Comp...
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7311-0 PULSE-030-7311-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7313-0 PULSE-030-7313-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7314-0 PULSE-030-7314-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com