Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB10NB37LZ Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGB10NB37LZ
Description  N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10NB37LZ Datasheet(HTML) 8 Page - STMicroelectronics

  STGB10NB37LZ Datasheet HTML 1Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 2Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 3Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 4Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 5Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 6Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 7Page - STMicroelectronics STGB10NB37LZ Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believ ed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specific ation mentioned in this publication are
subjec t to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1999 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
.
STGB10NB37LZ
8/8


Similar Part No. - STGB10NB37LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
STGB10NB37LZT4 STMICROELECTRONICS-STGB10NB37LZT4 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_01 Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_V01 Datasheet
751Kb / 15P
   10 A - 410 V internally clamped IGBT
Rev 4 Novermber 2009
More results

Similar Description - STGB10NB37LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB7NB40LZ STMICROELECTRONICS-STGB7NB40LZ Datasheet
391Kb / 8P
   N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH??IGBT
STGB10NB40LZ STMICROELECTRONICS-STGB10NB40LZ Datasheet
481Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ_03 Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_01 Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB20NB32LZ STMICROELECTRONICS-STGB20NB32LZ Datasheet
494Kb / 11P
   N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB41LZ STMICROELECTRONICS-STGB20NB41LZ Datasheet
258Kb / 9P
   N-CHANNEL CLAMPED 20A - DPAK INTERNALLY CLAMPED PowerMESH IGBT
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
   N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh??IGBT
STGP20NB37LZ STMICROELECTRONICS-STGP20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A TO-220 INTERNALLY CLAMPED PowerMESH IGBT
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com