Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMR07C2-A Datasheet(PDF) 3 Page - SunLED Corporation

Part # DMR07C2-A
Description  7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR07C2-A Datasheet(HTML) 3 Page - SunLED Corporation

  DMR07C2-A Datasheet HTML 1Page - SunLED Corporation DMR07C2-A Datasheet HTML 2Page - SunLED Corporation DMR07C2-A Datasheet HTML 3Page - SunLED Corporation DMR07C2-A Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA4539
V3
Checked : Shin Chi
P.3/4
Part Number:
DMR07C2-A
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - DMR07C2-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR07C2-1 SUNLED-DMR07C2-1 Datasheet
190Kb / 4P
   7mm (0.28) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR07C2-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG07A2-A SUNLED-DUG07A2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUY07A2-A SUNLED-DUY07A2-A Datasheet
191Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUR07C2-A SUNLED-DUR07C2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUR07A2-A SUNLED-DUR07A2-A Datasheet
189Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DUY07C2-A SUNLED-DUY07C2-A Datasheet
190Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DMR07A2-A SUNLED-DMR07A2-A Datasheet
188Kb / 4P
   7.62mm (0.3) DUAL DIGIT NUMERIC DISPLAY
DMR07C SUNLED-DMR07C Datasheet
184Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUR07A SUNLED-DUR07A Datasheet
186Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DMR07A SUNLED-DMR07A Datasheet
186Kb / 4P
   7.62mm (0.3) SINGLE DIGIT NUMERIC DISPLAY
DUG07A SUNLED-DUG07A Datasheet
186Kb / 4P
   7.62mm (0.3?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com