Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF6P15K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # WMF6P15K-F
Description  Polyester Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

WMF6P15K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  WMF6P15K-F Datasheet HTML 1Page - Cornell Dubilier Electronics WMF6P15K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type WMF Polyester Film Capacitors
Film/Foil
Commercial, Industrial Applications
Axial Leads
Type WMF axial-leaded, polyester film/foil capacitors,
available in a wide range of capacitance and voltage
ratings, offer excellent moisture resistance capability with
extended foil, non-inductive wound sections, epoxy sealed
ends and a sealed outer wrapper. Like the Type DMT, Type
WMF is an ideal choice for most applications, especially
those with high peak currents.
Specifications
Voltage Range: 50—630 Vdc (35-250 Vac, 60 Hz)
Capacitance Range: .001—5 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: –55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 250% (1 minute)
Dissipation Factor: .75% Max. (25 °C, 1 kHz)
Insulation Resistance: 30,000 M
x µF
100,000 M
Min.
Life Test: 500 Hours at 85 °C at 125% Rated
1.50”
(38.1mm)
1.50”
(38.1mm)
L MAX.
MAX.
D
d TINNED COPPER-CLAD STEEL LEADS
NOTE: Other capacitance values, sizes and performance specifications are
Voltage
available. Contact us.
Ratings and Dimensions
RoHS Compliant
Cap.
Catalog
(µF)
Part Number
D
L
d
dV/dt
(inches) (mm) (inches) (mm) (inches) (mm) V/μs
50 Vdc (35 Vac)
0.0820 WMF05S82K-F
0.1000 WMF05P1K-F
0.1500 WMF05P15K-F
0.2200 WMF05P22K-F
0.2700 WMF05P27K-F
0.280 (7.1) 0.812 (20.6) 0.020 (0.5) 1500
0.280 (7.1) 0.812 (20.6) 0.020 (0.5) 1500
0.315 (8.0) 0.812 (20.6) 0.024 (0.6) 1500
0.360 (9.1) 0.812 (20.6) 0.024 (0.6) 1500
0.422 (10.7) 0.812 (20.6) 0.024 (0.6) 1500
0.3300 WMF05P33K-F
0.3900 WMF05P39K-F
0.4700 WMF05P47K-F
0.5000 WMF05P5K-F
0.5600 WMF05P56K-F
0.430 (10.9) 0.812 (20.6) 0.024 (0.6) 1500
0.405 (10.3) 1.062 (27.0) 0.024 (0.6) 920
0.407 (10.3) 1.062 (27.0) 0.024 (0.6) 920
0.427 (10.8) 1.062 (27.0) 0.024 (0.6) 920
0.482 (12.2) 1.062 (27.0) 0.024 (0.6) 920
0.6800 WMF05P68K-F
0.8200 WMF05P82K-F
1.0000 WMF05W1K-F
1.2500 WMF05W1P25K-F
1.5000 WMF05W1P5K-F
0.522 (13.3) 1.062 (27.0) 0.024 (0.6) 920
0.567 (14.4) 1.062 (27.0) 0.024 (0.6) 920
0.562 (14.3) 1.375 (34.9) 0.024 (0.6) 660
0.575 (14.6) 1.375 (34.9) 0.032 (0.8) 660
0.645 (16.4) 1.375 (34.9) 0.032 (0.8) 660
2.0000 WMF05W2K-F
3.0000 WMF05W3K-F
4.0000 WMF05W4K-F
5.0000 WMF05W5K-F
0.662 (16.8) 1.625 (41.3) 0.032 (0.8) 660
0.792 (20.1) 1.625 (41.3) 0.040 (1.0) 660
0.822 (20.9) 1.825 (46.3) 0.040 (1.0) 310
0.912 (23.2) 1.825 (46.3) 0.040 (1.0) 310
100 Vdc (65 Vac)
0.0010 WMF1D1K-F
0.0015 WMF1D15K-F
0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
Cap.
Catalog
D
L
d
dV/dt
(µF) Part Number (inches) (mm)(inches)(mm) (inches) (mm) V/μs
0.0022 WMF1D22K-F 0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
0.0027 WMF1D27K-F 0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
0.0033 WMF1D33K-F 0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
0.0039 WMF1D39K-F 0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
0.0047 WMF1D47K-F 0.188 (5.0) 0.562 (14.3) 0.020 (0.5) 6300
0.0050 WMF1D5K-F 0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
0.0056 WMF1D56K-F 0.188 (4.8) 0.562 (14.3) 0.020 (0.5) 6300
0.0068 WMF1D68K-F 0.200 (5.1) 0.562 (14.3) 0.020 (0.5) 6300
0.0082 WMF1D82K-F 0.200 (5.1) 0.562 (14.3) 0.020 (0.5) 6300
0.0100. WMF1S1K-F 0.200 (5.1) 0.562 (14.3) 0.020 (0.5) 6300
0.0150 WMF1S15K-F 0.245 (6.2) 0.562 (14.3) 0.020 (0.5) 6300
0.0220 WMF1S22K-F 0.236 (6.0) 0.687 (17.4) 0.024 (0.6) 3200
0.0270 WMF1S27K-F 0.235 (6.0) 0.687 (17.4) 0.024 (0.6) 3200
0.0330 WMF1S33K-F 0.256 (6.5) 0.687 (17.4) 0.024 (0.6) 3200
0.0390 WMF1S39K-F 0.240 (6.1) 0.812 (20.6) 0.024 (0.6) 2100
0.0470 WMF1S47K-F 0.255 (6.5) 0.812 (20.6) 0.024 (0.6) 2100
0.0500 WMF1S5K-F 0.260 (6.6) 0.812 (20.6) 0.024 (0.6) 2100
0.0560 WMF1S56K-F 0.265 (6.7) 0.812 (20.6) 0.024 (0.6) 2100
0.0680 WMF1S68K-F 0.295 (7.5) 0.812 (20.6) 0.024 (0.6) 2100
0.0820 WMF1S82K-F 0.275 (7.0) 0.937 (23.8) 0.024 (0.6) 1600
0.1000 WMF1P1K-F 0.335 (8.5) 0.937 (23.8) 0.024 (0.6) 1600
0.1500 WMF1P15K-F 0.340 (8.6) 0.937 (23.8) 0.024 (0.6) 1600
0.2200 WMF1P22K-F 0.374 (9.5) 1.062 (27.0) 0.024 (0.6) 1600
CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com


Similar Part No. - WMF6P15K-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF6P15K-F ETC2-WMF6P15K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Cornell Dubilier Electr...
WMF6P15K-F CDE-WMF6P15K-F Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF6P15K-F CDE-WMF6P15K-F Datasheet
270Kb / 4P
   Polyester Film Capacitors
More results

Similar Description - WMF6P15K-F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
   POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
   Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEN MERITEK-PEN Datasheet
106Kb / 1P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
   POLYESTER FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
   Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com