Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DURG38C Datasheet(PDF) 5 Page - SunLED Corporation

Part # DURG38C
Description  38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DURG38C Datasheet(HTML) 5 Page - SunLED Corporation

  DURG38C Datasheet HTML 1Page - SunLED Corporation DURG38C Datasheet HTML 2Page - SunLED Corporation DURG38C Datasheet HTML 3Page - SunLED Corporation DURG38C Datasheet HTML 4Page - SunLED Corporation DURG38C Datasheet HTML 5Page - SunLED Corporation DURG38C Datasheet HTML 6Page - SunLED Corporation DURG38C Datasheet HTML 7Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Published Date : MAR 03,2008
Drawing No : SDSA2151
V3
Checked : Shin Chi
P.5/7
Part Number:
DURG38C
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com


Similar Part No. - DURG38C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DURG38A SUNLED-DURG38A Datasheet
241Kb / 7P
   38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com