Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAT396M06012 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # TAT396M06012
Description  Wet Tantalum Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAT396M06012 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  TAT396M06012 Datasheet HTML 1Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 2Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 3Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 4Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 5Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 6Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 7Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 8Page - Cornell Dubilier Electronics TAT396M06012 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types TAT and TAX Wet Tantalum Capacitor –
CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
TAT(CLR79)
Maximum DC
Leakage
(µA)
Maximum %
Capacitance
change from Room
Temperature
Part Number MIL-C-
M39006/22 Failure Rate
Level/%1000 Hours
CDE Commercial
Part Number
Cap
(µF)
Cap
Tol (±)
Case
Code
Max
DF
%
Max ESR
@+25ºC
(Ω)
Max Ripple
@ +85°C
40kHz
(mA)
+25°C
+85°C
&
+125°C
-55°C +85°C +125°C M (1.0) P (0.1) R (0.01)
25 Volts Maximum at 85°C(15 Volts at 125°C), Surge Voltage 28.8 at 85°C
TAT226J 02511
22
5
1
6.6
3.98
1
2
825
-20 +10.5
+12
0086
0306
0526
TAT506M 02512
50
20
2
11
2.92
1
2
1130
-28
+13
+15
0087
0307
0527
TAT506K 02512
50
10
2
11
2.92
1
2
1130
-28
+13
+15
0088
0308
0528
TAT506J 02512
50
5
2
11
2.92
1
2
1130
-28
+13
+15
0089
0309
0529
TAT107M 02512
100
20
2
15
1.99
1
10
1435
-28
+13
+15
0090
0310
0530
TAT107K 02512
100
10
2
15
1.99
1
10
1435
-28
+13
+15
0091
0311
0531
TAT107J 02512
100
5
2
15
1.99
1
10
1435
-28
+13
+15
0092
0312
0532
TAT127M 02513
120
20
3
21
2.32
2
6
1450
-32
+13
+15
0093
0313
0533
TAT127K 02513
120
10
3
21
2.32
2
6
1450
-32
+13
+15
0094
0314
0534
TAT127J 02513
120
5
3
21
2.32
2
6
1450
-32
+13
+15
0095
0315
0535
TAT187M 02513
180
20
3
26
1.92
2
18
1525
-48
+13
+15
0096
0316
0536
TAT187K 02513
180
10
3
26
1.92
2
18
1525
-48
+13
+15
0097
0317
0537
TAT187J 02513
180
5
3
26
1.92
2
18
1525
-48
+13
+15
0098
0318
0538
TAT357M 02514
350
20
4
35
1.33
7
28
1970
-70
+25
+25
0099
0319
0539
TAT357K 02514
350
10
4
35
1.33
7
28
1970
-70
+25
+25
0100
0320
0540
30 Volts Maximum at 85°C(20 Volts at 125°C), Surge Voltage 34.5 at 85°C
TAT805M 03011
8
20
1
4
6.64
1
2
640
-16
+8
+12
0101
0321
0541
TAT805K 03011
8
10
1
4
6.64
1
2
640
-16
+8
+12
0102
0322
0542
TAT805J 03011
8
5
1
4
6.64
1
2
640
-16
+8
+12
0103
0323
0543
TAT156M 03011
15
20
1
5
4.42
1
2
780
-20 +10.5
+12
0104
0324
0544
TAT156K 03011
15
10
1
5
4.42
1
2
780
-20 +10.5
+12
0105
0325
0545
TAT156J 03011
15
5
1
5
4.42
1
2
780
-20 +10.5
+12
0106
0326
0546
TAT406M 03012
40
20
2
10
3.32
1
5
1120
-24 +10.5
+12
0107
0327
0547
TAT406K 03012
40
10
2
10
3.32
1
5
1120
-24 +10.5
+12
0108
0328
0548
TAT406J 03012
40
5
2
10
3.32
1
5
1120
-24 +10.5
+12
0109
0329
0549
TAT686M 03012
68
20
2
13
2.54
1
8
1285
-24
+13
+15
0110
0330
0550
TAT686K 03012
68
10
2
13
2.54
1
8
1285
-24
+13
+15
0111
0331
0551
TAT686J 03012
68
5
2
13
2.54
1
8
1285
-24
+13
+15
0112
0332
0552
TAT107M 03013
100
20
3
17
2.26
2
12
1450
-28 +10.5
+12
0113
0333
0553
TAT107K 03013
100
10
3
17
2.26
2
12
1450
-28 +10.5
+12
0114
0334
0554
TAT107J 03013
100
5
3
17
2.26
2
12
1450
-28 +10.5
+12
0115
0335
0555
TAT157M 03013
150
20
3
23
2.03
2
18
1525
-48
+13
+15
0116
0336
0556
TAT157K 03013
150
10
3
23
2.03
2
18
1525
-48
+13
+15
0117
0337
0557
TAT157J 03013
150
5
3
23
2.03
2
18
1525
-48
+13
+15
0118
0338
0558
TAT307M 03014
300
20
4
31
1.37
8
32
1950
-60
+25
+25
0119
0339
0559
TAT307K 03014
300
10
4
31
1.37
8
32
1950
-60
+25
+25
0120
0340
0560
50 Volts Maximum at 85°C(330 Volts at 125°C), Surge Voltage 57.5 at 85°C
TAT505M 05011
5
20
1
3
7.96
1
2
580
-16
+5
+6
0121
0341
0561
TAT505K 05011
5
10
1
3
7.96
1
2
580
-16
+5
+6
0122
0342
0562
TAT505J 05011
5
5
1
3
7.96
1
2
580
-16
+5
+6
0123
0343
0563
TAT106M 05011
10
20
1
4
5.31
1
2
715
-24
+8
+9
0124
0344
0564
TAT106K 05011
10
10
1
4
5.31
1
2
715
-24
+8
+9
0125
0345
0565
TAT106J 05011
10
5
1
4
5.31
1
2
715
-24
+8
+9
0126
0346
0566
TAT256M 05012
25
20
2
8
4.25
1
5
1005
-20 +10.5
+12
0127
0347
0567
TAT256K 05012
25
10
2
8
4.25
1
5
1005
-20 +10.5
+12
0128
0348
0568
TAT256J 05012
25
5
2
8
4.25
1
5
1005
-20 +10.5
+12
0129
0349
0569
TAT476M 05012
47
20
2
11
3.11
1
9
1155
-28
+13
+15
0130
0350
0570


Similar Part No. - TAT396M06012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAT396M06012 ETC2-TAT396M06012 Datasheet
232Kb / 12P
   Commercial Types TAT for CLR79 and TAX for CLR81
More results

Similar Description - TAT396M06012

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com