Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100A11Y101KV4U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 100A11Y101KV4U
Description  CAPACITOR ARRAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

100A11Y101KV4U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  100A11Y101KV4U Datasheet HTML 1Page - List of Unclassifed Manufacturers 100A11Y101KV4U Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12
www.johanson dielectrics.com
13
www.johanson dielectrics.com
HOW TO ORDER - CAPACITOR ARRAYS
P/N written: 160A11N100JV4E
MARKING
4 = Unmarked
TAPE MODIFIER
Code Type
Reel
E
Embossed
7”
U Embossed 13”
Tape specifications
conform to EIA RS481
E
4
TERMINATION
V = Ni barrier w/
100% Sn Plating
V
DIELECTRIC
N = NPO
W = X7R
Y = Y5V
N
CASE SIZE
A11 = 0405
A18 = 0612
A11
VOLTAGE
100 =
10 V
160 =
16 V
250 =
25 V
500 =
50 V
101 = 100 V
160
CAPACITANCE
1st two digits are
significant; third digit
denotes number of zeros
10 = 1.0 pF
101 = 100 pF
100
TOLERANCE
J = ± 5%
K = ± 10%
M = ± 20%
Z = + 80 - 20%
J
CAPACITOR ARRAYS
Capacitor arrays combine separate multi-layer ceramic
capacitors of the same value in a single passive
component. The primary advantages of this device are a
reduction in PCB space and placement time. The arrays
are offered in three standard dielectrics and feature barrier
terminations and tape & reel packaging.
FEATURES
APPLICATIONS
• Multiple Caps in One Chip
• Cellular / Pagers
• Reduces Circuit Size
• Handheld Equipment
• Easier Handling
• PCMCIA Cards
• Lower Placement Cost
• Camcorders
• Increased Throughput
• PC’s & Peripherals
CAPACITANCE / VOLTAGE SELECTION
CHIP SIZE
RATED
NPO DIELECTRIC
X7R DIELECTRIC
Y5V DIELECTRIC
VOLTAGE
min.
MAX.
min.
MAX.
min.
MAX.
A11 / 0405
10 VDC
10 pF
680 pF
560 pF
.047 µF
16 VDC
10 pF
680 pF
560 pF
.033 µF
25 VDC
10 pF
680 pF
560 pF
.022 µF
A18 / 0612
16 VDC
.033 µF
.047 µF
.150 µF
.220 µF
25 VDC
.015 µF
.022 µF
.068 µF
.100 µF
50 VDC
330 pF
470 pF
6800 pF
.010 µF
.010 µF
.047 µF
100 VDC
10 pF
220 pF
220 pF
4700 pF
Available capacitance values include the following significant R12 retma values and their multiples:
1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 ( 1.0 = 1.0, 10, 100, 1000, etc.)
Please contact the factory for size/voltage/value combinations not shown.


Similar Part No. - 100A11Y101KV4U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
100A100JP500X FREESCALE-100A100JP500X Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
AVX Corporation
100A101FCA200XT AVX-100A101FCA200XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
100A101GCA200XT AVX-100A101GCA200XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
100A101JCA200XT AVX-100A101JCA200XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
logo
Freescale Semiconductor...
100A101JP500X FREESCALE-100A101JP500X Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
More results

Similar Description - 100A11Y101KV4U

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3A41C103MAT2A AVX-W3A41C103MAT2A Datasheet
283Kb / 6P
   BENEFITS OF USING CAPACITOR ARRAYS
W2A4ZC104MAT2A AVX-W2A4ZC104MAT2A Datasheet
283Kb / 6P
   BENEFITS OF USING CAPACITOR ARRAYS
logo
Murata Manufacturing Co...
GNM0M2R60J103ME17 MURATA-GNM0M2R60J103ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM0M2R61A104ME17 MURATA-GNM0M2R61A104ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R60J225ME18 MURATA-GNM1M2R60J225ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61A105ME17 MURATA-GNM1M2R61A105ME17 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61C105ME18 MURATA-GNM1M2R61C105ME18 Datasheet
684Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61C224ME18 MURATA-GNM1M2R61C224ME18 Datasheet
666Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R61E103MA01 MURATA-GNM1M2R61E103MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
GNM1M2R71C104MA01 MURATA-GNM1M2R71C104MA01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com