Electronic Components Datasheet Search |
|
B1722A5025P00 Datasheet(PDF) 1 Page - Anaren Microwave |
|
B1722A5025P00 Datasheet(HTML) 1 Page - Anaren Microwave |
1 / 6 page Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 Model BD2326L50200A00 Rev C Ultra Small Low Profile 0603 Balun 50Ω to 200Ω Balanced Description The BD2326L50200A00 is an ultra-small low profile balanced to unbalanced transformer designed for differential inputs and output locations on next generation wireless chipsets in an easy to use surface mount package covering 802.11b+g+n. The BD2326L50200A00 is ideal for high volume manufacturing and is higher performance than traditional ceramic baluns. The BD2326L50200A00 has an unbalanced port impedance of 50 Ω and a 200Ω balanced port impedance. This transformation enables single ended signals to be applied to differential ports on modern integrated chipsets. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The BD2326L50200A00 is available on tape and reel for pick and place high volume manufacturing. Detailed Electrical Specifications: Specifications subject to change without notice. ROOM (25 °C) Parameter Min. Typ. Max Unit Frequency 2300 2600 MHz Unbalanced Port Impedance 50 Ω Balanced Port Impedance 200 Ω Return Loss 12 18 dB Insertion Loss* 0.9 1.1 dB Amplitude Balance 0.4 0.8 dB Phase Balance 3 9 Degrees CMRR 29 dB Power Handling 2 Watts Features: • 2300 – 2600 MHz • 0.7mm Height Profile • 50 Ohm to 2 x 100 Ohm • 802.11 b+g +n Compliant • Low Insertion Loss • Input to Output DC Isolation • Surface Mountable • Tape & Reel • Non-conductive Surface • RoHS Compliant Operating Temperature -55 +85 ºC * Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC) Outline Drawing Mechanical Outline Dimensions are in Inches [Millimeters] Tolerances are Non-Cumulative Bottom View (Far-side) Side View Top View (Near-side) Pin 3 6 1 2 4 5 Designation Unbalanced Port DC Bias/GND Balanced Port Orientation Marker Denotes Pin Location .027±.002 [0.70±0.05] .059±.004 [1.50±0.10] .029±.004 [0.75±0.10] Balanced Port GND GND .008 [0.20] .010 [0.24] 4 5 6 .020 [0.52] 3 .020 [0.50] 2 1 |
Similar Part No. - B1722A5025P00 |
|
Similar Description - B1722A5025P00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |