Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD7NB60H-1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD7NB60H-1
Description  N-CHANNEL 7A - 600V IPAK PowerMESH IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB60H-1 Datasheet(HTML) 6 Page - STMicroelectronics

  STGD7NB60H-1 Datasheet HTML 1Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 2Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 3Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 4Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 5Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 6Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 7Page - STMicroelectronics STGD7NB60H-1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Switching Off Safe Operating Area
Fig. 1: Gate Charge test Circuit
Fig. 3: Switching Waveforms
Fig. 2: Test Circuit For Inductive Load Switching
STGD7NB60H-1
6/8


Similar Part No. - STGD7NB60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
More results

Similar Description - STGD7NB60H-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD7NB120S-1_0008 STMICROELECTRONICS-STGD7NB120S-1_0008 Datasheet
116Kb / 6P
   N-CHANNEL 7A - 1200V - IPAK PowerMESH IGBT
STGD7NB60H STMICROELECTRONICS-STGD7NB60H Datasheet
327Kb / 9P
   N-CHANNEL 7A - 600V - DPAK PowerMESH??IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
logo
List of Unclassifed Man...
9858 ETC-9858 Datasheet
258Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
STGP7NB60FD STMICROELECTRONICS-STGP7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGP7NB60F STMICROELECTRONICS-STGP7NB60F Datasheet
330Kb / 8P
   N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
   N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
STGP7NB60HD STMICROELECTRONICS-STGP7NB60HD Datasheet
103Kb / 9P
   N-CHANNEL 7A - 600V TO-220/FP PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com