Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIT3193 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BIT3193
Description  High Performance PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BIT3193 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BIT3193 Datasheet HTML 1Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 2Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 3Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 4Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 5Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 6Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 7Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 8Page - List of Unclassifed Manufacturers BIT3193 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Beyond Innovation Technology Co., Ltd.
BIT3193
04/11/08
Confidential, for authorized user only
page 5 of 10
Then the frequency deviation can be calculated as
Equation (2)
Setting the Frequency of Low Frequency PWM
Generator:
An internal trimmed low frequency
oscillator generates a
± 3% accurate frequency on
CTPWM pin with external capacitors.
The capacitor
values versus operation frequencies are as bellow:
Note: Above equation (3) is valid only when operating
frequency is between 150Hz ~ 1.5KHz
The logic high output of pin PWMOUT is made by an 2.5V
DC voltage and the floating state makes the logic low
portion. MODSEL pin provides the polarity selection of
LF_PWM generator. If MODSEL pin is 0V, a 0% duty cycle
is obtained when PWMDC < 1.0V. If this pin is pulled to
IC VDD level, 0% duty cycle is obtained while PWMDC>
2.5V.
Note: BIT3193 limits the maximum duty cycle to ~ 92 %.
PWMOUT sends the pulses when ISEN >1.3V or TIMER
>2.5V.
UVLO:
The under-voltage-lookout circuit turns the output
driver off when supply voltage drops too low. Whole
system includes the protection and timing circuits are reset
(pin TIMER =0) in low VDD state.
DC/AC Characteristics:
Absolute Ratings:
Table 3
Parameter
Symbol
Ratings
Unit
Remarks
Supply Voltage
VDD
-0.3~+ 9
V
Ground
GND
±0.3
V
Input pin Voltage
-0.3~ VDD+0.3
V
Ta=25°C
Operating Ambit Temperature
Ta
0~ +70
°
C
Operating Junction Temperature
+150
°
C
Storage Temperature
-55~+150
°
C
DC/AC Characteristics
[]
)
...(3
..........
0.005
C
4512
F
CTPWM
LFPWM
nF
+
=
Fig.6
LOAD Resistor VS. CTOSC Frequency Deviation
26.80
32.10
38.70
45.70
54.40
63.50
76.20
91.40
108.70
126.50
151.10
173.30
0.00
25.00
50.00
75.00
100.00
125.00
150.00
175.00
200.00
0
2040
6080
100
LOAD Resisor (Kohm)
CTOSC=100KHz
)
...(2
..........
100
F100
Fn
KHz
KHz
F
n
×
=


Similar Part No. - BIT3193

ManufacturerPart #DatasheetDescription
logo
Beyond Innovation Techn...
BIT3102B BITEK-BIT3102B Datasheet
49Kb / 1P
   Low Cost PWM CCFL Controller
logo
List of Unclassifed Man...
BIT3105 ETC-BIT3105 Datasheet
200Kb / 8P
   High Efficiency ZVS CCFL Controller
BIT3105-SSO ETC-BIT3105-SSO Datasheet
200Kb / 8P
   High Efficiency ZVS CCFL Controller
BIT3106 ETC-BIT3106 Datasheet
227Kb / 9P
   High Efficiency Dual ZVS CCFL Controller
More results

Similar Description - BIT3193

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3228 E-CMOS-EC3228 Datasheet
846Kb / 16P
   High-Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1468 HMSEMI-HM1468 Datasheet
2Mb / 16P
   High-Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1728 TECHCODE-TD1728 Datasheet
530Kb / 17P
   High-Performance PWM Controller
TD1730 TECHCODE-TD1730 Datasheet
677Kb / 17P
   High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3713 BITEK-BIT3713 Datasheet
493Kb / 11P
   High Performance PWM Controller
05/12/15
BIT3267 BITEK-BIT3267 Datasheet
196Kb / 8P
   High Performance PWM Controller
logo
Shenzhen Huazhimei Semi...
HM1469 HMSEMI-HM1469 Datasheet
1Mb / 16P
   High-Performance PWM Controller
logo
Beyond Innovation Techn...
BIT3267S BITEK-BIT3267S Datasheet
515Kb / 9P
   High Performance PWM Controller
Version: A05
BIT3715 BITEK-BIT3715 Datasheet
380Kb / 3P
   High Performance PWM Controller
logo
TECHCODE SEMICONDUCTOR,...
TD1729 TECHCODE-TD1729 Datasheet
804Kb / 17P
   High-Performance PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com