Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V61C31161024 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V61C31161024
Description  64K x 16 HIGH SPEED STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V61C31161024 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V61C31161024 Datasheet HTML 1Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 2Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 3Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 4Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 5Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 6Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 7Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 8Page - Mosel Vitelic, Corp V61C31161024 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MOSEL VITELIC
V61C31161024
5
V61C31161024 Rev. 0.5 August 1999
AC Electrical Characteristics
(over all temperature ranges)
Read Cycle
Write Cycle
Parameter
Name
Parameter
-10
-12
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
10
12
15
ns
tAA
Address Access Time
10
12
15
ns
tACS
Chip Enable Access Time
10
12
15
ns
tBA
UBE, LBE Access Time
—5—6—7
ns
tOE
Output Enable to Output Valid
—5—6—7
ns
tCLZ
Chip Enable to Output in Low Z
2—3—3—
ns
tBLZ
UBE, LBE to Output in Low Z
0—0—0—
ns
tOLZ
Output Enable to Output in Low Z
0—0—0—
ns
tCHZ
Chip Disable to Output in High Z
050607
ns
tOHZ
Output Disable to Output in High Z
050607
ns
tBHZ
UBE, LBE to Output in High Z
050607
ns
tOH
Output Hold from Address Change
2—3—3—
ns
Parameter
Name
Parameter
-10
-12
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tWC
Write Cycle Time
10
12
15
ns
tCW
Chip Enable to End of Write
7—8—
10
ns
tAS
Address Setup Time
0—0—0—
ns
tAW
Address Valid to End of Write
7—8—
10
ns
tWP
Write Pulse Width
7—8—
10
ns
tAH
Address Hold from End of Write
0—0—0—
ns
tWHZ
Write to Output High-Z
050607
ns
tWLZ
Write to Output Low Z
3—3—5—
ns
tDW
Data Setup to End of Write
5—6—7—
ns
tDH
Data Hold from End of Write
0—0—0—
ns
tBW
UBE, LBE to End of Write
7—8—
10
ns


Similar Part No. - V61C31161024

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C3181024 MOSEL-V61C3181024 Datasheet
77Kb / 10P
   128K X 8 HIGH SPEED STATIC RAM
More results

Similar Description - V61C31161024

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com