Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-30116 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30116
Description  3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30116 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-30116 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-30116 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
7.00±0.10
10.00±0.10
Pin 1 identification
5.00
0.10
(All corner)
5.00
(2x) 0.90
(2x) 1.10
(4x) 1.20
(2x) 1.40
2.90
(4x) 0.90Sq
0.07
(Gaps between
SM and metal)
0.16 (SM width)
(6x) 1.20
0.10
2.05
1
2
3
4
5
6
Pin 1
1.05±0.10
0.60
C'fer 0.3X45°
32320
WWYY
XXXX
MCOB 7 x 10 Package Dimensions
Top Vie�
Side Vie�
Bottom Vie�
Notes:
1. All dimensions are in milimeters
2. Dimensions are inclusive of plating
3. Dimensions are exclusive of mold flash
and metal burr


Similar Part No. - MGA-30116

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30116 AVAGO-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 1/2 Watt High Linearity Amplifier Standard QFN 3X3 package
logo
Broadcom Corporation.
MGA-30116 BOARDCOM-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
MGA-30116 BOARDCOM-MGA-30116 Datasheet
311Kb / 17P
   150MHz ??1GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30116-BLKG AVAGO-MGA-30116-BLKG Datasheet
311Kb / 17P
   150MHz ??1GHz 1/2 Watt High Linearity Amplifier Standard QFN 3X3 package
MGA-30116-TR1G AVAGO-MGA-30116-TR1G Datasheet
311Kb / 17P
   150MHz ??1GHz 1/2 Watt High Linearity Amplifier Standard QFN 3X3 package
More results

Similar Description - MGA-30116

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30316 AVAGO-MGA-30316_12 Datasheet
218Kb / 12P
   3.3 -3.9GHz Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30316 BOARDCOM-MGA-30316 Datasheet
218Kb / 12P
   3.3 -3.9GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com