Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-31222 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-31222
Description  3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-31222 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-31222 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-31222 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
3.64
0.99
0.81
1.08
0.81
1.26
3.96
3.03
0.81
0.70
0.60
∅0.30
0.90
C'fer 0.3X45°
0.90
0.30
0.30
4.05
4.05
1.10
0.30
1.20
1.40
0.30
0.90
0.70
3.64
0.99
0.81
1.08
0.81
1.26
3.96
3.03
0.81
PCB Layout and Stencil Design
PCB Land Pattern (Top Vie�)
Stencil Outline
Combined PCB and stencil layout Land Pattern (Top Vie�)
Part Number Ordering Information
Part Number
No. of Devices
Container
ALM-32320-TR1G
1000
13” Reel
ALM-32320-TR2G
3000
13” Reel
ALM-32320-BLKG
100
antistatic bag
Product Family
Output
Frequency Band
Po�er
700MHz-1GHz
1.7-2.7GHz
3.3-3.9GHz
0.5W
MGA-30116
MGA-30216
MGA-30316
1W
ALM-31122
ALM-31222
ALM-31322
2W
ALM-32120
ALM-32220
ALM-32320
Note: All dimensions are in millimeters.


Similar Part No. - ALM-31222

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-31222 BOARDCOM-ALM-31222 Datasheet
363Kb / 13P
   1.7-2.7GHz 1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_10 Datasheet
259Kb / 13P
   1-Watt High Linearity Amplifier
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
More results

Similar Description - ALM-31222

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30316 AVAGO-MGA-30316_12 Datasheet
218Kb / 12P
   3.3 -3.9GHz Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30316 BOARDCOM-MGA-30316 Datasheet
218Kb / 12P
   3.3 -3.9GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com