Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-31322 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-31322
Description  3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-31322 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-31322 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-31322 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Tape Dimensions
12.00 ± .10
[.472 ± .004]
4.00 ± .10
[.157 ± .004]
1.50 + .10
[.059 + .004]
2.00 ± .10
[.079 ± .004]
1.75 ± .10
[.069 ± .004]
11.50 ± .10
[.453 ± .004]
24.00 + .30 − .10
[.945 + .012 − .004]
1.50 + .25
[.059 + .010]
.330 ± .013
[.0130 ± .0005]
7.11 ± .10
[.280 ± .004]
1.52 ± .10
[.060 ± .004]
10.08 ± .10
[.397 ± .004]
A.
K.
B.
MM
[INCH]
8˚ MAX
7˚ MAX
Device Orientation
USER FEED DIRECTION
TOP VIEW
END VIEW
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
32320
WWYY
XXXX
32320
WWYY
XXXX
32320
WWYY
XXXX


Similar Part No. - ALM-31322

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-31322 BOARDCOM-ALM-31322 Datasheet
344Kb / 12P
   3.3 - 3.9 GHz 1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322 AVAGO-ALM-31322 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322-BLKG AVAGO-ALM-31322-BLKG Datasheet
235Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322-BLKG AVAGO-ALM-31322-BLKG Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322-TR1G AVAGO-ALM-31322-TR1G Datasheet
235Kb / 12P
   1-Watt High Linearity Amplifier
More results

Similar Description - ALM-31322

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30316 AVAGO-MGA-30316_12 Datasheet
218Kb / 12P
   3.3 -3.9GHz Watt High Linearity Amplifier
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
Broadcom Corporation.
MGA-30316 BOARDCOM-MGA-30316 Datasheet
218Kb / 12P
   3.3 -3.9GHz 쩍 Watt High Linearity Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com