Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP3NB60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP3NB60
Description  N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP3NB60 Datasheet(HTML) 4 Page - STMicroelectronics

  STGP3NB60 Datasheet HTML 1Page - STMicroelectronics STGP3NB60 Datasheet HTML 2Page - STMicroelectronics STGP3NB60 Datasheet HTML 3Page - STMicroelectronics STGP3NB60 Datasheet HTML 4Page - STMicroelectronics STGP3NB60 Datasheet HTML 5Page - STMicroelectronics STGP3NB60 Datasheet HTML 6Page - STMicroelectronics STGP3NB60 Datasheet HTML 7Page - STMicroelectronics STGP3NB60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Collector-Emitter On Voltage vs Collector Current
Transfer Characteristics
Collector-Emitter On Voltage vs Temperature
Gate Threshold vs Temperature
STGP3NB60H
4/8


Similar Part No. - STGP3NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGP3NB60FD STMICROELECTRONICS-STGP3NB60FD Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGP3NB60HD STMICROELECTRONICS-STGP3NB60HD Datasheet
104Kb / 9P
   N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
STGP3NB60HD STMICROELECTRONICS-STGP3NB60HD Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP3NB60HDFP STMICROELECTRONICS-STGP3NB60HDFP Datasheet
104Kb / 9P
   N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
More results

Similar Description - STGP3NB60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP3NB60HD STMICROELECTRONICS-STGP3NB60HD Datasheet
104Kb / 9P
   N-CHANNEL 3A - 600V TO-220/FP PowerMESH IGBT
STGP3NB60S STMICROELECTRONICS-STGP3NB60S Datasheet
411Kb / 10P
   N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH??IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
   N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
STGP20NB60K STMICROELECTRONICS-STGP20NB60K Datasheet
42Kb / 6P
   N-CHANNEL 20A - 600V - TO-220 PowerMesh IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 3A - 600V TO-263 PowerMESH IGBT
STGP12NB60HD STMICROELECTRONICS-STGP12NB60HD Datasheet
409Kb / 9P
   N-CHANNEL 12A - 600V TO-220 PowerMESH??IGBT
STGP7NB60H STMICROELECTRONICS-STGP7NB60H Datasheet
86Kb / 8P
   N-CHANNEL 7A - 600V TO-220 PowerMESH IGBT
STGP20NB60H STMICROELECTRONICS-STGP20NB60H Datasheet
86Kb / 8P
   N-CHANNEL 20A - 600V TO-220 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com