Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARX1006 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # ARX1006
Description  SMALL MICRO WAVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARX1006 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  ARX1006 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARX1006 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARX1006 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90
RX
0.4
0.5
0
0.1
0.3
0.2
300kHz
1.5GHz
2.5GHz 3GHz
COM-NC
COM-NO
Frequency
Arrangement
Contact
Coil (at 20
°C, 68°F)
Contact material
Max. switching voltage
Isolation
Max. switching current
Insertion loss
10mA 24 V DC
(resistive load)
10W 2.5 GHz,
Impedance 50
3
×105
105
V.S.W.R.(Return loss)
Min. 60 dB
Max. 0.2 dB
Max. 1.2 (Min. 20.8dB)
Input power
Max. 20W (at 40
°C,
V.S.W.R.
1.2,Average)
2 coil latching
Single side stable
200 mW
Nominal operating power
1 coil latching
400 mW
200 mW
Initial contact resistance
1 Form C
Gold
Max. 100 m
Contact carrying power
High frequency
characteristics
(~2.5GHz,
Impedance 50
Ω)
Expected
life (min.
operations)
5
×106
Electrical
Mechanical (at 180 cpm)
Rating
Contact rating
30 V DC
0.5 A DC
Characteristics
Initial insulation resistance*1
Operate time [Set time]*3 (at 20
°C)
Max. 10ms (Approx. 6ms)
[Max. 10ms (Approx. 5ms)]
Max. 6ms (Approx. 3ms)
[Max. 10ms (Approx. 5ms)]
Max. 60
°C
Temperature rise (at 20
°C)*4
Initial
breakdown
voltage*2
Between open contacts
Between contact and coil
Between contact and
earth terminal
500 Vrms
1,000 Vrms
500 Vrms
Min. 100 M
Ω (at 500 V DC)
Shock resistance
Vibration
resistance
Unit weight
Approx. 5 g .18 oz
Min. 200 m/s2 {20 G}
Min. 1,000 m/s2 {100 G}
Functional*5
Destructive*6
Functional*7
Destructive
10 to 55 Hz
at double amplitude of 3 mm
10 to 55 Hz
at double amplitude of 5 mm
Conditions for operation,
transport and storage*8
(Not freezing and condensing
at low temperature)
Ambient temp.
Humidity
–40
°C to 60°C
–40
°F to 140°F
5 to 85% R.H.
Release time (without diode) [Reset time]*3
Max. 20W(at 40
°C,
V.S.W.R. 1.2, Average)
10W (2.5 GHz, Impedance
50
Ω, V.S.W.R. 1.2)
10mA 24V DC(resistive load)
Remarks
* Specifications will vary with foreign standards certification ratings.
*
1 Measurement at same location as “Initial breakdown voltage” section.
*
2 Detection current: 10mA
*
3 Nominal operating voltage applied to the coil, excluding contact bounce time.
*
4 By resistive method, nominal voltage applied to the coil: Contact carrying power:
20W, at 2.5GHz, Impedance 50
Ω, V.S.W.R.&1.2
*
5 Half-wave pulse of sine wave: 11ms, detection time: 10
µs.
*
6 Half-wave pulse of sine wave: 6ms
*
7 Detection time: 10
µs
*
8 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61)
10
RX
A
Ex.
Contact arrangement
1: 1 Form C
Product name
RX
Note: Standard packing; Carton: 50 pcs. Case 500 pcs.
0: Single side stable
1: 1 coil latching
2: 2 coil latching
03: 3
4H: 4.5
06: 6
09: 9
12: 12
24: 24
Operating function
Coil voltage, V DC
12
1. Excellent high frequency character-
istics (~2.5GHz, Impedance 50
Ω)
• Insertion loss: 0.2 dB or less
• Isolation: 60 dB or more
• V.S.W.R./ Return loss: 1.2dB or less/
20.8dB or more
2. High sensitivity
• Nominal operating power: 200 mW
3. Small size
• Size: 20.5(L)
× 12.4(W) × 9.4(H) mm
.807(L)
× .488(W) × .370(H) inch
*Also available for unit support (contact us
for more details).
SMALL MICRO WAVE RELAY
RX-RELAYS
20.5
.807
9.4
.370
12.4
.488
TYPICAL APPLICATIONS
• Cellular phone base station (W-CDMA,
FPLMTS, IMT-2000, PCS, DCS)
• Cellular phone-related measurement
devices (SP3T/SP4T switches, etc)
• Wireless LAN
• Wireless Local Loop
SPECIFICATIONS
mm inch
• Insertion loss
ORDERING INFORMATION


Similar Part No. - ARX1006

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ARX2412 AEROFLEX-ARX2412 Datasheet
112Kb / 7P
   ARX2412 Data Terminal Manchester Converter for MIL-STD-1553
logo
ON Semiconductor
ARX3A0 ONSEMI-ARX3A0 Datasheet
6Mb / 18P
   RSL10 Smart Shot Camera User Manual Event?뭈riggered AI Imaging Platform, Bluetooth Low Energy Enabled
January, 2021 ??Rev. 0
logo
Aeroflex Circuit Techno...
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-1 AEROFLEX-ARX4404-001-1 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404-001-2 AEROFLEX-ARX4404-001-2 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results

Similar Description - ARX1006

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
logo
Panasonic Semiconductor
ALE12B05 PANASONIC-ALE12B05 Datasheet
94Kb / 5P
   1a 16A power relay for micro wave oven Microwave ovens Refrigerators
logo
Toshiba Semiconductor
TIM3742-16SL TOSHIBA-TIM3742-16SL Datasheet
128Kb / 4P
   MICRO WAVE POWER GaAs FET
logo
TE Connectivity Ltd
THT TEC-THT Datasheet
298Kb / 4P
   Small power relay
logo
Nais(Matsushita Electri...
ACT112 NAIS-ACT112 Datasheet
213Kb / 3P
   ULTRA SMALL AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN Datasheet
156Kb / 5P
   Micro ISO Automotive Relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
   micro 280 automotive relay
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
   micro 280 automotive relay
logo
OEN India Limited
OEN73 OENINDIA-OEN73 Datasheet
501Kb / 2P
   AUTOMOTIVE MICRO POWER RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
   Micro ISO Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com