Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV1024-20JC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT29LV1024-20JC
Description  1-Megabit (64K x 16) 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV1024-20JC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT29LV1024-20JC Datasheet HTML 3Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 4Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 5Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 6Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 7Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 8Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 9Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 10Page - ATMEL Corporation AT29LV1024-20JC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AT29LV1024
7
Software Protected Program Waveform(1)(2)(3)
Notes:
1.
A7 through A15 must specify the sector address during each high to low transition of WE (or CE) after the software code
has been entered.
2.
OE must be high when WE and CE are both low.
3.
All words that are not loaded within the sector being programmed will be indeterminate.
Programming Algorithm(1)
Program Cycle Characteristics
Symbol
Parameter
Min
Max
Units
t
WC
Write Cycle Time
20
ms
t
AS
Address Set-up Time
0
ns
t
AH
Address Hold Time
100
ns
t
DS
Data Set-up Time
100
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
200
ns
t
WLC
Word Load Cycle Time
150
µs
t
WPH
Write Pulse Width High
200
ns
LOAD DATA AAAA
TO
ADDRESS 5555
LOAD DATA 5555
TO
ADDRESS 2AAA
LOAD DATA A0A0
TO
ADDRESS 5555
LOAD DATA
TO
SECTOR (128 BYTES)(3)
WRITES ENABLED
ENTER DATA
PROTECT STATE(2)
Notes for software program code:
1.
Data Format: I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2.
Data Protect state will be re-activated at end of program
cycle.
3.
128 words of data MUST BE loaded.


Similar Part No. - AT29LV1024-20JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV1024-20JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49BV640D ATMEL-AT49BV640D Datasheet
591Kb / 31P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com