Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV1024-20JI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT29LV1024-20JI
Description  1-Megabit (64K x 16) 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV1024-20JI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29LV1024-20JI Datasheet HTML 1Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 2Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 3Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 4Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 5Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 6Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 7Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 8Page - ATMEL Corporation AT29LV1024-20JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AT29LV1024
5
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
Input Test Waveforms and
Measurement Level
Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT29LV1024-15
AT29LV1024-20
AT29LV1024-25
Units
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
150
200
250
ns
t
CE
(1)
CE to Output Delay
150
200
250
ns
t
OE
(2)
OE to Output Delay
0
85
0
100
0
120
ns
t
DF
(3)(4)
CE or OE to Output Float
0
40
0
50
0
60
ns
t
OH
Output Hold from OE, CE or Address,
whichever occurred first
000
ns
t
R, tF < 5 ns
5.0V
1.8K
1.3K
100 pF
OUTPUT
PIN
Pin Capacitance
f = 1 MHz, T = 25°C(1)
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT29LV1024-20JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV1024-20JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49BV640D ATMEL-AT49BV640D Datasheet
591Kb / 31P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com