Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV1024-25JC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT29LV1024-25JC
Description  1-Megabit (64K x 16) 3-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29LV1024-25JC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT29LV1024-25JC Datasheet HTML 1Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 2Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 3Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 4Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 5Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 6Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 7Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 8Page - ATMEL Corporation AT29LV1024-25JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
Single Voltage, Range 3V to 3.6V Supply
3-Volt Only Read and Write Operation
Software Protected Programming
Fast Read Access Time - 150 ns
Low Power Dissipation
– 15 mA Active Current
– 50 µA CMOS Standby Current
Sector Program Operation
– Single Cycle Reprogram (Erase and Program)
– 512 Sectors (128 words/sector)
– Internal Address and Data Latches for 128 Words
Fast Sector Program Cycle Time - 20 ms
Internal Program Control and Timer
DATA Polling for End of Program Detection
Typical Endurance > 10,000 Cycles
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Ranges
Description
The AT29LV1024 is a 3-volt only in-system Flash programmable and erasable read
only memory (PEROM). Its 1 megabit of memory is organized as 65,536 words by 16
bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device
offers access times to 150 ns with power dissipation of just 54 mW. When the device
is deselected, the CMOS standby current is less than 50
µA. The device endurance is
1-Megabit
(64K x 16)
3-volt Only
Flash Memory
AT29LV1024
Rev. 0564A–10/98
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O15
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
NC
A0
A1
A2
A3
A4
A5
NC
A6
A7
A8
VSS
A9
A10
A11
NC
A12
A13
A14
A15
NC
WE
VCC
NC
NC
OE
O0
O1
O2
O3
O4
NC
O5
O6
O7
VSS
O8
O9
O10
NC
O11
O12
O13
O14
O15
CE
NC
NC
PLCC Top View
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
I/O12
I/O11
I/O10
I/O9
I/O8
GND
NC
I/O7
I/O6
I/O5
I/O4
A13
A12
A11
A10
A9
GND
NC
A8
A7
A6
A5
(continued)


Similar Part No. - AT29LV1024-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT29LV010A-12JC ATMEL-AT29LV010A-12JC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12JI ATMEL-AT29LV010A-12JI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TC ATMEL-AT29LV010A-12TC Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29LV010A-12TI ATMEL-AT29LV010A-12TI Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
More results

Similar Description - AT29LV1024-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49BV640D ATMEL-AT49BV640D Datasheet
591Kb / 31P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV642D ATMEL-AT49BV642D Datasheet
263Kb / 29P
   64-megabit (4M x 16) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com